Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2365CS6-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2365CS6-TRPBF
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365CS6-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2365CS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 13Page - Linear Technology LTC2365CS6-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2365/LTC2366
10
23656f
BLOCK DIAGRAM
Figure 1. SDO Into Hi-Z State After SCK Falling Edge
Figure 2. SDO Data Valid Hold Time After SCK Falling Edge
Figure 3. SDO Data Valid Access Time After SCK Falling Edge
23656 BD
+
+
+
4
1
2
S & H
VREF
3
GND
AIN
ANALOG
INPUT RANGE
OV TO VREF
12-BIT ADC
TS8 PACKAGE
10μF
6
7
8
TIMING
LOGIC
VDD
+
5
4.7μF
4.7μF
OVDD
SDO
SCK
THREE-
STATE
SERIAL
OUTPUT
PORT
CS
SCK
1.6V
SDO
23656 TD01
Hi-Z
t8
SCK
SDO
23656 TD02
VIH
VIL
1.6V
t7
SCK
SDO
23656 TD03
VOH
VOL
1.6V
t4
TIMING DIAGRAMS


Similar Part No. - LTC2365CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com