Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2361CS6-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2361CS6-TRPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2361CS6-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2361CS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC2361CS6-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2360/LTC2361/LTC2362
9
236012f
PIN FUNCTIONS
S6 Package
VDD (Pin 1): Positive Supply. The VDD range is 2.35V to
3.6V. VDD also defines the input span of the ADC, 0V to
VDD. Bypass to GND and to a solid ground plane with a
2.2μF ceramic capacitor (or 2.2μF tantalum in parallel
with 0.1μF ceramic).
GND (Pin 2): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 3): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VDD.
SCK (Pin 4): Shift Clock Input. The SCK serial clock syn-
chronizes the serial data transfer. SDO data transitions on
the falling edge of SCK.
SDO (Pin 5): Three-State Serial Data Output. The A/D
conversion result is shifted out on SDO as a serial data
stream with MSB first. The data stream consists of 12 bits
of conversion data followed by trailing zeros.
CONV (Pin 6): Convert Input. This active high signal starts
a conversion on the rising edge. The device automatically
powers down after conversion. A logic low on this input
enables the SDO pin, allowing the data to be shifted out.
TS8 Package
VDD (Pin 1): Positive Supply. The VDD range is 2.35V to
3.6V. Bypass to GND and to a solid ground plane with a
2.2μF ceramic capacitor (or 2.2μF tantalum in parallel
with 0.1μF ceramic).
VREF (Pin 2): Reference Input. VREF defines the input
span of the ADC, 0V to VREF. The VREF range is 1.4V to
VDD. Bypass to GND and to a solid ground plane with a
2.2μF ceramic capacitor (or 2.2μF tantalum in parallel
with 0.1μF ceramic).
GND (Pin 3): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 4): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VREF.
OVDD (Pin 5): Output Driver Supply for SDO. The OVDD
range is 1V to 3.6V. Bypass to GND and to a solid ground
plane with a 2.2μF ceramic capacitor (or 2.2μF tantalum in
parallel with 0.1μF ceramic). OVDD can be driven separately
from VDD and OVDD can be higher than VDD.
SDO (Pin 6): Three-State Serial Data Output. The A/D
conversion result is shifted out on SDO as a serial data
stream with MSB first. The data stream consists of 12 bits
of conversion data followed by trailing zeros.
SCK (Pin 7): Shift Clock Input. The SCK serial clock syn-
chronizes the serial data transfer. SDO data transitions on
the falling edge of SCK.
CONV (Pin 8): Convert Input. This active high signal starts
a conversion on the rising edge. The device automatically
powers down after conversion. A logic low on this input
enables the SDO pin, allowing the data to be shifted out.


Similar Part No. - LTC2361CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2361CS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com