Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2360IS6-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2360IS6-TRPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2360IS6-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2360IS6-TRPBF Datasheet HTML 1Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 2Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 3Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 4Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 5Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 6Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 7Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 8Page - Linear Technology LTC2360IS6-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2360/LTC2361/LTC2362
1
236012f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
100ksps/250ksps/500ksps,
12-Bit Serial ADCs in TSOT-23
The LTC®2360/LTC2361/LTC2362 are 100ksps/250ksps/
500ksps, 12-bit, sampling A/D converters that draw only
0.5mA, 0.75mA and 1.1mA, respectively, from a single
3V supply. The supply current drops at lower sampling
rates because these devices automatically power down
after conversions. The full-scale input of the LTC2360/
LTC2361/LTC2362 is 0V to VDD or VREF. These ADCs are
available in tiny 6- and 8-lead TSOT-23 packages.
The serial interface, tiny TSOT-23 package and extremely
high sample rate-to-power ratio make the LTC2360/
LTC2361/LTC2362 ideal for compact, low power, high
speed systems.
The high impedance single-ended analog input and the
ability to operate with reduced spans (down to 1.4V full
scale) allow direct connection to sensors and transducers in
many applications, eliminating the need for gain stages.
Single 3V Supply, 500ksps, 12-Bit Sampling ADC
n 12-Bit Resolution
n Low Noise: 73dB SNR
n Low Power Dissipation: 1.5mW @ 100ksps
n 100ksps/250ksps/500ksps Sampling Rates
n Single Supply 2.35V to 3.6V Operation
n No Data Latency
n Sleep Mode with 0.1μA Typical Supply Current
n Dedicated External Reference (TSOT23-8)
n 1V to 3.6V Digital Output Supply (TSOT23-8)
n SPI/MICROWIRE™ Compatible Serial I/O
n Guaranteed Operation from –40°C to 125°C
n Tiny 6- and 8-Lead TSOT-23 Packages
n Communication Systems
n Data Acquisition Systems
n Handheld Portable Devices
n Uninterrupted Power Supplies
n Battery-Operated Systems
n Automotive
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Supply Current vs Sample Rate
VDD
VREF
GND
AIN
CONV
SCK
SDO
OVDD
LTC2362
2.2μF
3V
236012 TA01a
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTORS
DIGITAL OUTPUT SUPPLY
1V TO 3.6V
ANALOG INPUT
0V TO 3V
2.2μF
SAMPLE RATE (ksps)
236012 TA01b
1200
1000
800
400
600
200
0
1
100
1000
10
VDD = 3.6V
TA = 25°C
LTC2361
LTC2362
LTC2360
12-Bit TSOT23-6/-8 ADC Family
DATA OUTPUT RATE
3Msps
1Msps
500ksps
250ksps
100ksps
Part Number
LTC2366
LTC2365
LTC2362
LTC2361
LTC2360


Similar Part No. - LTC2360IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
More results

Similar Description - LTC2360IS6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2361 LINER-LTC2361_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2360 LINER-LTC2360_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2362 LINER-LTC2362_15 Datasheet
323Kb / 20P
   100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2366 LINER-LTC2366_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com