Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2433-1IMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2433-1IMS
Description  Differential Input 16-Bit No Latency DS ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2433-1IMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2433-1IMS Datasheet HTML 5Page - Linear Technology LTC2433-1IMS Datasheet HTML 6Page - Linear Technology LTC2433-1IMS Datasheet HTML 7Page - Linear Technology LTC2433-1IMS Datasheet HTML 8Page - Linear Technology LTC2433-1IMS Datasheet HTML 9Page - Linear Technology LTC2433-1IMS Datasheet HTML 10Page - Linear Technology LTC2433-1IMS Datasheet HTML 11Page - Linear Technology LTC2433-1IMS Datasheet HTML 12Page - Linear Technology LTC2433-1IMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2433-1
9
24331fa
The LTC2433-1 performs offset and full-scale calibrations
every conversion cycle. This calibration is transparent to
the user and has no effect on the cyclic operation de-
scribed above. The advantage of continuous calibration is
extreme stability of offset and full-scale readings with re-
spect to time, supply voltage change and temperature drift.
Power-Up Sequence
The LTC2433-1 automatically enters an internal reset state
when the power supply voltage VCC drops below approxi-
mately 2V. This feature guarantees the integrity of the
conversion result and of the serial interface mode selec-
tion. (See the 2-wire I/O sections in the Serial Interface
Timing Modes section.)
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with a typical duration of 1ms. The POR signal clears
all internal registers. Following the POR signal, the
LTC2433-1 starts a normal conversion cycle and follows
the succession of states described above. The first con-
version result following POR is accurate within the speci-
fications of the device if the power supply voltage is restored
within the operating range (2.7V to 5.5V) before the end of
the POR time interval.
Reference Voltage Range
This converter accepts a truly differential external refer-
ence voltage. The absolute/common mode voltage speci-
fication for the REF+ and REFpins covers the entire range
from GND to VCC. For correct converter operation, the
REF+ pin must always be more positive than the REFpin.
The LTC2433-1 can accept a differential reference voltage
from 0.1V to VCC. The converter output noise is deter-
mined by the thermal noise of the front-end circuits, and
as such, its value in microvolts is nearly constant with
reference voltage. A decrease in reference voltage will
significantly improve the converter’s effective resolution,
since the thermal noise (1.45
µV) is well below the quan-
tization level of the device (75.6
µV for a 5V reference). At
the minimum reference (100mV) the thermal noise
remains constant at 1.45
µV RMS (or 8.7µVP-P), while the
quantization is reduced to 1.5
µV per LSB. As a result,
lowering the reference improves the effective resolution
for low level input voltages.
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and INinput pins
extending from GND – 0.3V to VCC + 0.3V. Outside these
limits, the ESD protection devices begin to turn on and the
errors due to input leakage current increase rapidly. Within
these limits, the LTC2433-1 converts the bipolar differen-
tial input signal, VIN = IN+ – IN, from – FS = – 0.5 • VREF to
+FS = 0.5 • VREF where VREF = REF+ – REF. Outside this
range, the converter indicates the overrange or the
underrange condition using distinct output codes.
Input signals applied to the analog input pins may extend
by 300mV below ground and above VCC. In order to limit
any fault current, resistors of up to 5k may be added in
series with the pins without affecting the performance of
the device. In the physical layout, it is important to main-
tain the parasitic capacitance of the connection between
these series resistors and the corresponding pins as low
as possible; therefore, the resistors should be located as
close as practical to the pins. The effect of the series
resistance on the converter accuracy can be evaluated
from the curves presented in the Input Current/Reference
Current sections. In addition, series resistors will intro-
duce a temperature dependent offset error due to the input
leakage current. A 10nA input leakage current will develop
a 1LSB offset error on an 8k resistor if VREF = 5V. This error
has a very strong temperature dependency.
Output Data Format
The LTC2433-1 serial output data stream is 19 bits long.
The first 3 bits represent status information indicating the
conversion state and sign. The next 16 bits are the conver-
sion result, MSB first. The third and fourth bit together are
also used to indicate an underrange condition (the differ-
ential input voltage is below –FS) or an overrange condi-
tion (the differential input voltage is above +FS).
APPLICATIO S I FOR ATIO


Similar Part No. - LTC2433-1IMS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2433-1IMS LINEAR-LTC2433-1IMS Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
More results

Similar Description - LTC2433-1IMS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com