Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2451IDDB-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2451IDDB-TRPBF
Description  Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2451IDDB-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2451IDDB-TRPBF Datasheet HTML 5Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 12Page - Linear Technology LTC2451IDDB-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2451
9
2451fd
for all input voltages greater than the voltage correspond-
ing to output code 65535, the converter will generate the
output code 65535.
I2C INTERFACE
The LTC2451 communicates through an I2C interface. The
I2C interface is a 2-wire open-drain interface supporting
multiple devices and masters on a single bus. The con-
nected devices can only pull the data line (SDA) low and
never drive it high. SDA is externally connected to the
supply through a pull-up resistor. When the data line is
free, it is pulled high through this resistor. Data on the I2C
bus can be transferred at rates up to 100k/s in the standard
mode and up to 400k/s in the fast mode.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate either as
a transmitter or receiver, depending on the function of
the device. In addition to transmitters and receivers,
devices can also be considered as masters or slaves when
performing data transfers. A master is the device which
initiates a data transfer on the bus and generates the
clock signals to permit that transfer. Devices addressed
by the master are considered a slave. The address of the
LTC2451 is 0010100.
The LTC2451 can only be addressed as a slave. It can only
transmit the last conversion result. The serial clock line,
SCL, is always an input to the LTC2451 and the serial data
line, SDA, is bidirectional. Figure 2 shows the definition
of the I2C timing.
The Start and Stop Conditions
A Start (S) condition is generated by transitioning SDA from
high to low while SCL is high. The bus is considered to be
busy after the Start condition. When the data transfer is
finished, a Stop (P) condition is generated by transitioning
SDA from low to high while SCL is pulled high. The bus is
free after a Stop is generated. Start and Stop conditions
are always generated by the master.
When the bus is in use, it stays busy if a Repeated Start
(Sr) is generated instead of a Stop condition. The Re-
peated Start (Sr) conditions are functionally identical to
the Start (S).
Data Transferring
After the Start condition, the I2C bus is busy and data
transfer can begin between the master and the addressed
slave. Data is transferred over the bus in groups of nine
bits, one byte followed by one acknowledge (ACK) bit.
The master releases the SDA line during the ninth SCL
clock cycle. The slave device can issue an ACK by pulling
SDA low or issue a Not Acknowledge (NAK) by leaving
the SDA line high impedance (the external pull-up resistor
will hold the line high). Change of data only occurs while
the clock line (SCL) is low.
Data Format
After a Start condition, the master sends a 7-bit address
(factory set at 0010100), followed by a Read request (R)
or Write request (W) bit. The bit R is 1 for a Read request
and 0 for a Write request. If the 7-bit address agrees with
the LTC2451’s address, the device is selected. When the
device is addressed during the conversion state, it does
not accept the request and issues a NAK by leaving the
SDA line high. If the conversion is complete, the LTC2451
issues an ACK by pulling the SDA line low.
The user can send one byte of data into the LTC2451 fol-
lowing a Write request and an ACK. The sequence is shown
in Figure 3. The Write sequence is used solely to set the
APPLICATIONS INFORMATION
Figure 2. Definition of Timing for Fast/Standard Mode Devices on the I2C Bus
SDA
SCL
SSr
P
S
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tf
tr
tf
tHIGH
2451 F02


Similar Part No. - LTC2451IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2451IDDB-TRPBF LINER-LTC2451IDDB-TRPBF Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
More results

Similar Description - LTC2451IDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com