Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2482IDD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2482IDD-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482IDD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2482IDD-PBF Datasheet HTML 7Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 8Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 9Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 10Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 11Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 12Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 13Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 14Page - Linear Technology LTC2482IDD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2482
11
2482fb
TIMING DIAGRAMS
Timing Diagram Using Internal SCK
SDO
SCK
t1
t3
SLEEP
tKQMAX
CONVERSION
DATA OUT
tKQMIN
t2
2482 TD1
CS
Timing Diagram Using External SCK
SDO
SCK
t1
t5
t6
t4
SLEEP
tKQMAX
CONVERSION
DATA OUT
tKQMIN
t2
2482 TD2
CS
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2482 is a low power, delta-sigma analog-to-digital
converter with an easy-to-use 3-wire serial interface and
automatic differential input current cancellation. Its opera-
tion is made up of three states. The converter operating
cycle begins with the conversion, followed by the low power
sleep state and ends with the data output (see Figure 1).
The 3-wire interface consists of serial data output (SDO),
serial clock (SCK) and chip select (CS).
Initially, the LTC2482 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced
CONVERT
SLEEP
DATA OUTPUT
2482 F01
TRUE
FALSE
CS = LOW
AND
SCK
Figure 1. LTC2482 State Transition Diagram


Similar Part No. - LTC2482IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2482 LINER-LTC2482 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2482 LINER-LTC2482 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2482IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com