Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4373EN Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4373EN
Description  Low Power Stereo DAC with HP/SPK-Amp
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4373EN Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4373EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 13Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 14Page - Asahi Kasei Microsystems AK4373EN Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
[AK4373]
MS0991-E-00
2008/09
- 11 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=DVDD=HVDD=3.3V; VSS1=VSS2=VSS3=0V; fs=44.1kHz, BICK=64fs;
Signal Frequency=1kHz; 24bit Data; Measurement frequency=20Hz
∼ 20kHz; unless otherwise specified)
Parameter
min
typ
max
Units
DAC Characteristics:
Resolution
-
-
24
Bits
Stereo Line Output Characteristics: DAC
→ LOUT/ROUT pins, Single-ended mode (Figure 4), HPBTL bit = “0”,
PSEUDO bit = “0”, HPG bit = “0”, HVDD=3.3V, C=1µF, RL=10kΩ, ALC=OFF,
AVOL=0dB, DVOL=0dB; unless otherwise specified.
Output Voltage (0dBFS) (Note 11)
1.78
1.98
2.18
Vpp
S/(N+D) (0dBFS)
-
77
-
dB
S/N (A-weighted)
86
96
-
dB
Interchannel Isolation
60
80
-
dB
Load Resistance
RL
10
-
-
k
Ω
Load Capacitance
C1
-
-
30
pF
Note 11. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ).
LOUT/ROUT
pin
Line-Amp
C
RL
Measurement
Point
C1
Figure 4. Line-Amp output circuit
Parameter
min
typ
max
Units
Headphone-Amp Characteristics: DAC
→ HPL/HPR pins, Single-ended mode (Figure 5), HPBTL bit = “0”,
PSEUDO bit = “0”, HPG bit = “0”, HVDD=3.3V, C=47µF, RL=22.8Ω, ALC=OFF,
AVOL=0dB, DVOL=0dB; unless otherwise specified.
Output Voltage (Note 12)
0dBFS
1.58
1.98
2.38
Vpp
0dBFS (Note 13)
-
3.00
-
Vpp
0dBFS (Note 14)
-
1.02
-
Vrms
S/(N+D)
−3dBFS
50
60
-
dB
−3dBFS (Note 13)
-
65
-
dB
0dBFS (Note 14)
-
20
-
dB
86
96
-
dB
S/N (A-weighted)
(Note 13)
-
96
-
dB
Interchannel Isolation
60
75
-
dB
Interchannel Gain Mismatch
-
0
0.8
dB
Load Resistance
RL=R1+R2
16
-
-
Ω
Load Capacitance
C1
-
-
30
pF
C2
-
-
300
pF
Note 12. Output voltage is proportional to AVDD voltage.
Vout = 0.6 x AVDD(typ)@HPG bit = “0”, 0.91 x AVDD(typ)@HPG bit = “1”.
Note 13. HPG bit = “1”, HVDD=3.8V, C=47µF, RL=100Ω.
Note 14. HPG bit = “1”, HVDD=3.3V, C=47µF, RL=16Ω.


Similar Part No. - AK4373EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4370 AKM-AK4370 Datasheet
850Kb / 30P
   24bit DAC with Headphone Amplifier
AK4370VN AKM-AK4370VN Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
943Kb / 33P
   24bit DAC with Headphone Amplifier
More results

Similar Description - AK4373EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com