Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1872BES6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1872BES6
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872BES6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1872BES6 Datasheet HTML 4Page - Linear Technology LTC1872BES6 Datasheet HTML 5Page - Linear Technology LTC1872BES6 Datasheet HTML 6Page - Linear Technology LTC1872BES6 Datasheet HTML 7Page - Linear Technology LTC1872BES6 Datasheet HTML 8Page - Linear Technology LTC1872BES6 Datasheet HTML 9Page - Linear Technology LTC1872BES6 Datasheet HTML 10Page - Linear Technology LTC1872BES6 Datasheet HTML 11Page - Linear Technology LTC1872BES6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1872B
LTC1872B 3-Cell White LED Driver
ITH/RUN
LTC1872B
10k
R1
0.27
53.6
L1
150
µH
220pF
C1: TAIYO YUDEN CERAMIC EMK325BJ106MNT
C2: AVX TPSD156M035R0300
D0: MOTOROLA MBR0540
D1-D7: CMD333UWC
GND
VFB
5
4
6
1872B TA04
1
2
3
NGATE
VIN
SENSE
C1
10
µF
10V
VOUT 28.8V
(WITH 8 LEDs)
C2
15
µF
35V
+
C3
0.1
µF
CERAMIC
M1
D0
1 TO 8
WHITE
LEDs
15mA
D1
D2
D8
AA
AA
AA
VIN = 3 AA CELLS ≈ 2.7V TO 4.8V
L1: COILCRAFT DO1608C-154
M1: Si9804
R1: DALE 0.25W
APPLICATIONS INFORMATION
Figure 6. LTC1872B Layout Diagram (See PC Board Layout Checklist)
L1
M1
BOLD LINES INDICATE HIGH CURRENT PATHS
D1
RS
VOUT
VIN
1872B F06
0.1
µF
CITH
RITH
R2
R1
CIN
+
ITH/RUN
LTC1872B
GND
VFB
6
5
4
1
2
3
NGATE
VIN
SENSE
COUT
+
TYPICAL APPLICATIO S


Similar Part No. - LTC1872BES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872B LINER-LTC1872B Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results

Similar Description - LTC1872BES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com