Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4614 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4614
Description  6/12-Channel Audio CODEC
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4614 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4614 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4614 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
[AK4614]
MS1025-E-00
2008/10
- 2 -
5. Master clock
- Slave mode: 256fs, 384fs or 512fs (Normal Speed Mode: fs=32kHz
∼ 48kHz)
256fs
(Double Speed Mode: fs=64kHz
∼ 96kHz)
128fs
(Quad Speed Mode: fs=128kHz
∼ 192kHz)
- Master mode: 256fs or 512fs
(Normal Speed Mode: fs=32kHz
∼ 48kHz)
256fs
(Double Speed Mode: fs=64kHz
∼ 96kHz)
128fs
(Quad Speed Mode: fs=128kHz
∼ 192kHz)
6. 4-wire Serial and I
2C Bus µP I/F for mode setting
7. Power Supply
- Analog Power Supply: AVDD1, AVDD2 = 3.0
∼ 3.6V
- Digital Power Supply: DVDD = 1.6
∼ 2.0V
- I/O Buffer Power Supply: TVDD1, TVDD2 = 1.6
∼ 3.6V
8. Power Supply Current : 119 mA (fs=48kHz)
9. Ta = - 40
∼ 105ºC
10. Package: 80pin LQFP (0.5mm pitch)


Similar Part No. - AK4614

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611EQ AKM-AK4611EQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4611VQ AKM-AK4611VQ Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
More results

Similar Description - AK4614

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK7600 AKM-AK7600 Datasheet
432Kb / 38P
   2/6-Channel Audio CODEC with Digital EQ
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Realtek Semiconductor C...
ALC262-GR REALTEK-ALC262-GR Datasheet
1Mb / 76P
   4-CHANNEL DAC and 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
ALC262-GR REALTEK-ALC262-GR_08 Datasheet
1Mb / 87P
   4-CHANNEL DAC AND 6-CHANNEL ADC HIGH DEFINITION AUDIO CODEC
logo
List of Unclassifed Man...
CMI9761A ETC-CMI9761A Datasheet
535Kb / 23P
   C-Media CMI9761A / 9761A 6 Channel AC97 2.3 Audio Codec
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com