Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7742EQ Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK7742EQ
Description  24bit 2ch ADC 24bit 4ch DAC with Audio DSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7742EQ Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK7742EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7742EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
[AK7742]
Rev.0.5b_PB
2008/08
-
4 -
Ordering Guide
AK7742EQ
-20
∼ +70°C
48pin LQFP (0.5mm pitch)
AKD7742
Evaluation board for the AK7742
Pin Layout
LRCK
(TOP VIEW)
48pin LQFP
AIN1LN
AIN1RP
SDIN2/JX0
38
37
43
42
41
40
39
47
46
45
44
48
21
20
19
18
17
15
16
23
22
13
14
24
SDOUT1
AIN1LP
AIN3R
AOUT1LN
AOUT1LP
AOUT1RN
VSS1
AVDD
SDIN1/JX1
CKM[1]
CKM[0]
AOUT1RP
CLKO/SDOUT3
VCOM
AIN1RN
VSS2
IRESET
I2CSEL
DVDD
Input
Output
I/O
Power
pin
Input
Output
I/O
Power
pin
BICK


Similar Part No. - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
AK7746VT AKM-AK7746VT Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
More results

Similar Description - AK7742EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
AK7730A AKM-AK7730A Datasheet
418Kb / 62P
   24bit 2ch adc
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com