Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8755-AEY180280 Datasheet(PDF) 6 Page - AMETHERM Circuit Protection Thermistors

Part # AME8755-AEY180280
Description  High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8755-AEY180280 Datasheet(HTML) 6 Page - AMETHERM Circuit Protection Thermistors

Back Button AME8755-AEY180280 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME
6
High PSRR, Low Quiescent Current,
150mA Dual CMOS LDO
AME8755
Rev. A.01
n Available Options
Note:
1. The first 3 places represent product code. It is assigned by AME such as BXH.
2. A bar on top of first letter represents Green Part such as BXH.
3. The last 3 places MXX represent Marking Code. It contains M as date code in "month", XX as LN code and
that is for AME internal use only. Please refer to date code rule section for detail information.
4. Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package
type.
Part Number
Marking
Output Voltage
Package
Operating Ambient
Temperature Range
AME8755-AEY180280
BXHMXX
VOUT1=1.8V
VOUT2=2.8V
SOT-26
-40
OC to +85OC
AME8755-BEY180280
BYGMXX
VOUT1=1.8V
VOUT2=2.8V
SOT-26
-40
OC to +85OC


Similar Part No. - AME8755-AEY180280

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Y AKM-AME8750AEEY1828Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Z AKM-AME8750AEEY1828Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Y AKM-AME8750BEEY1825Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Z AKM-AME8750BEEY1825Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results

Similar Description - AME8755-AEY180280

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com