Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8755-AEY180280 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # AME8755-AEY180280
Description  High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8755-AEY180280 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  AME8755-AEY180280 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8755-AEY180280 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME
1
AME8755
High PSRR, Low Quiescent Current,
150mA Dual CMOS LDO
Rev. A.01
The AME8755 is highly accurate, dual channel, high
PSRR, low quiescent current CMOS LDO. The AME8755
includes a reference voltage source, error amplifiers, over
current limit and thermal shutdown and consumes only
70
µA(typical) quiescent current at no load with both chan-
nels enabled. The EN function allows the output of each
channel to be turned on and off independently.
n General Description
n Features
n Applications
n Typical Application
l Guaranteed 150mA Output
l Accurate to within + 2%
l 1.2V to 3.3V Factory-Preset Output
l Over Current Protection
l Over Temperature Shutdown
l High PSRR (Typ. 70dB)
l Low Quiescent Current (Typ. 70
µA)
l All AME's Green Products Meet RoHS
Standards.
l Mobile Phones
l Digital Cameras
l PDAs
l Wireless LAN Applications
OUT2
OUT1
GND
EN1
EN2
IN
C2
1
µF
C3
1
µF
C1
1
µF
AME8755
VIN
VOUT1
VOUT2


Similar Part No. - AME8755-AEY180280

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Y AKM-AME8750AEEY1828Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Z AKM-AME8750AEEY1828Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Y AKM-AME8750BEEY1825Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Z AKM-AME8750BEEY1825Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results

Similar Description - AME8755-AEY180280

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com