Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2497CUHF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2497CUHF
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497CUHF Datasheet(HTML) 4 Page - Linear Technology

  LTC2497CUHF Datasheet HTML 1Page - Linear Technology LTC2497CUHF Datasheet HTML 2Page - Linear Technology LTC2497CUHF Datasheet HTML 3Page - Linear Technology LTC2497CUHF Datasheet HTML 4Page - Linear Technology LTC2497CUHF Datasheet HTML 5Page - Linear Technology LTC2497CUHF Datasheet HTML 6Page - Linear Technology LTC2497CUHF Datasheet HTML 7Page - Linear Technology LTC2497CUHF Datasheet HTML 8Page - Linear Technology LTC2497CUHF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2497
4
2497f
I2C INPUTS AND DIGITAL OUTPUTS The denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
0.7VCC
V
VIL
Low Level Input Voltage
0.3VCC
V
VIHA
High Level Input Voltage for Address Pins CA0, CA1, CA2
0.95VCC
V
VILA
Low Level Input Voltage for Address Pins CA0, CA1, CA2
0.05VCC
V
RINH
Resistance from CA0, CA1, CA2 to VCC to Set Chip Address
Bit to 1
10
RINL
Resistance from CA0, CA1, CA2 to GND to Set Chip Address
Bit to 0
10
RINF
Resistance from CA0, CA1, CA2 to GND or VCC to Set Chip
Address Bit to Float
2
II
Digital Input Current
–10
10
µA
VHYS
Hysteresis of Schmidt Trigger Inputs
(Note 5)
0.05VCC
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
0.4
V
tOF
Output Fall Time VIH(MIN) to VIL(MAX)
Bus Load CB 10pF to
400pF (Note 14)
20 + 0.1CB
250
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
1µA
CCAX
External Capacitative Load on Chip Address Pins (CA0, CA1,
CA2) for Valid Float
10
pF
POWER REQUIREMENTS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current
Conversion Current (Note 11)
Sleep Mode (Note 11)
160
1
275
2
µA
µA
ANALOG INPUT AND REFERENCE The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
IDC_LEAK(IN
)
INDC Leakage Current
Sleep Mode, IN= GND
–10
1
10
nA
IDC_LEAK(REF
+
)
REF+ DC Leakage Current
Sleep Mode, REF+ = VCC
–100
1
100
nA
IDC_LEAK(REF
)
REFDC Leakage Current
Sleep Mode, REF= GND
–100
1
100
nA
tOPEN
MUX Break-Before-Make
50
ns
QIRR
MUX Off Isolation
VIN = 2VP-P DC to 1.8MHz
120
dB


Similar Part No. - LTC2497CUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2497CUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com