Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2499 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 4 Page - Linear Technology

  LTC2499 Datasheet HTML 1Page - Linear Technology LTC2499 Datasheet HTML 2Page - Linear Technology LTC2499 Datasheet HTML 3Page - Linear Technology LTC2499 Datasheet HTML 4Page - Linear Technology LTC2499 Datasheet HTML 5Page - Linear Technology LTC2499 Datasheet HTML 6Page - Linear Technology LTC2499 Datasheet HTML 7Page - Linear Technology LTC2499 Datasheet HTML 8Page - Linear Technology LTC2499 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2499
4
2499fb
I2C INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ANALOG INPUT AND REFERENCE The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.7VCC
V
VIL
Low Level Input Voltage
l
0.3VCC
V
VIHA
Low Level Input Voltage for Address Pins CA0, CA1, CA2
l
0.05VCC
V
VILA
High Level Input Voltage for Address Pins CA0, CA1, CA2
l
0.95VCC
V
RINH
Resistance from CA0, CA1, CA2 to VCC to Set Chip Address
Bit to 1
l
10
RINL
Resistance from CA0, CA1, CA2 to GND to Set Chip Address
Bit to 0
l
10
RINF
Resistance from CA0, CA1, CA2 to GND or VCC to Set Chip
Address Bit to Float
l
2
II
Digital Input Current
l
–10
10
μA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 5)
l
0.05VCC
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
l
0.4
V
tOF
Output Fall Time VIH(MIN) to VIL(MAX)
Bus Load CB 10pF to
400pF (Note 14)
l 20 + 0.1CB
250
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
l
1μA
CCAX
External Capacitative Load on Chip Address Pins (CA0, CA1,
CA2) for Valid Float
l
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion Current (Note 11)
Temperature Measurement (Note 11)
Sleep Mode (Note 11)
l
l
l
160
200
1
275
300
2
μA
μA
μA
VIN
Input Differential Voltage Range (IN+ – IN)
l
–FS
+FS
V
FS
Full Scale of the Differential Input (IN+ – IN)
l
0.5VREF
V
LSB
Least Significant Bit of the Output Code
l
FS/224
REF+
Absolute/Common Mode REF+ Voltage
l
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
l
GND
REF+ – 0.1V
V
VREF
Reference Voltage Range (REF+ – REF)
l
0.1
VCC
V
CS(IN+)IN+ Sampling Capacitance
11
pF
CS(IN)INSampling Capacitance
11
pF
CS(VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK(IN+)
IN+ DC Leakage Current
Sleep Mode, IN+ = GND
l
–10
1
10
nA
IDC_LEAK(IN–)
INDC Leakage Current
Sleep Mode, IN= GND
l
–10
1
10
nA
IDC_LEAK(REF+) REF+ DC Leakage Current
Sleep Mode, REF+ = VCC
l
–100
1
100
nA
IDC_LEAK(REF–) REFDC Leakage Current
Sleep Mode, REF= GND
l
–100
1
100
nA
tOPEN
MUX Break-Before-Make
50
ns
QIRR
MUX Off Isolation
VIN = 2VP-P DC to 1.8MHz
120
dB
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHF LINER-LTC2499CUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHFPBF LINER-LTC2499CUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHF LINER-LTC2499IUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHFPBF LINER-LTC2499IUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com