Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2631AHTS8-HZ8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2631AHTS8-HZ8
Description  Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2631AHTS8-HZ8 Datasheet(HTML) 4 Page - Linear Technology

  LTC2631AHTS8-HZ8 Datasheet HTML 1Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 2Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 3Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 4Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 5Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 6Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 7Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 8Page - Linear Technology LTC2631AHTS8-HZ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2631
4
2631fb
PRODUCT SELECTION GUIDE
PART NUMBER
PART MARKING*
VFS WITH INTERNAL
REFERENCE
POWER-ON RESET
TO CODE
PIN 8
RESOLUTION
VCC
MAXIMUM INL
LTC2631A-LM12
LTC2631A-LZ12
LTC2631A-HM12
LTC2631A-HZ12
LTDHF
LTDHG
LTDHH
LTDHJ
2.5V • (4095/4096)
2.5V • (4095/4096)
4.096V • (4095/4096)
4.096V • (4095/4096)
Mid-Scale
Zero
Mid-Scale
Zero
REF_SEL
CA1
REF_SEL
CA1
12-Bit
12-Bit
12-Bit
12-Bit
2.7V – 5.5V
2.7V – 5.5V
4.5V – 5.5V
4.5V – 5.5V
±1LSB
±1LSB
±1LSB
±1LSB
LTC2631-LM12
LTC2631-LM10
LTC2631-LM8
LTDHF
LTDHK
LTDHQ
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
REF_SEL
REF_SEL
REF_SEL
12-Bit
10-Bit
8-Bit
2.7V – 5.5V
2.7V – 5.5V
2.7V – 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2631-LZ12
LTC2631-LZ10
LTC2631-LZ8
LTDHG
LTDHM
LTDHR
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Zero
Zero
Zero
CA1
CA1
CA1
12-Bit
10-Bit
8-Bit
2.7V – 5.5V
2.7V – 5.5V
2.7V – 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2631-HM12
LTC2631-HM10
LTC2631-HM8
LTDHH
LTDHN
LTDHS
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
REF_SEL
REF_SEL
REF_SEL
12-Bit
10-Bit
8-Bit
4.5V – 5.5V
4.5V – 5.5V
4.5V – 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2631-HZ12
LTC2631-HZ10
LTC2631-HZ8
LTDHJ
LTDHP
LTDHT
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Zero
Zero
Zero
CA1
CA1
CA1
12-Bit
10-Bit
8-Bit
4.5V – 5.5V
4.5V – 5.5V
4.5V – 5.5V
±2.5LSB
±1LSB
±0.5LSB
*The temperature grade is identified by a label on the shipping container.


Similar Part No. - LTC2631AHTS8-HZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2631 LINER-LTC2631 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
logo
Linear Technology
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2631AHTS8-HZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com