Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6155 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6155
Description  Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6155 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6155 Datasheet HTML 1Page - ANADIGICS, Inc AWT6155 Datasheet HTML 2Page - ANADIGICS, Inc AWT6155 Datasheet HTML 3Page - ANADIGICS, Inc AWT6155 Datasheet HTML 4Page - ANADIGICS, Inc AWT6155 Datasheet HTML 5Page - ANADIGICS, Inc AWT6155 Datasheet HTML 6Page - ANADIGICS, Inc AWT6155 Datasheet HTML 7Page - ANADIGICS, Inc AWT6155 Datasheet HTML 8Page - ANADIGICS, Inc AWT6155 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
aWt6155
Data Sheet - Rev 2.0
02/2009
table 4: Digital Inputs
table 5: Logic Control table
table 3: Operating Conditions
the device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
ParaMeter
sYMBOL
MIN tYP MaX uNIts
Logic High Voltage
VIH
1.2
-
3.0
V
Logic Low Voltage
VIL
-
-
0.5
V
Logic High Current
|IIH|
-
-
30
A
Logic Low Current
|IIL|
-
-
30
A
OPeratIONaL MODe
Bs
tX_eN
GSM850/900
LOW
HIGH
DCS/PCS
HIGH
HIGH
PA DISABLED
-
LOW
ParaMeter
MIN tYP MaX uNIts
COMMeNts
Case temperature (TC)
-20
-
+85
°C
Supply voltage (VBATT)
3.0
3.5
4.8
V
Power supply leakage current
-
1
10
A
VBATT = 4.8 V, VRAMP = 0 V,
TX_EN = LOW
No RF applied
Control Voltage Range
0.2
-
1.6
V
Turn on Time (TON)
-
-
1
s
VRAMP = 0.2 V, TX_EN = LOW
Y HIGH
PIN = 5 dBm
Turn Off Time (TOFF)
-
-
1
s
VRAMP = 0.2 V, TX_EN = HIGH
Y LOW
PIN = 5 dBm
Rise Time (TRISE)
-
-
1
s
POUT = -10 dBm
Y PMAX (within0.2 dB)
Fall Time (TFALL)
-
-
1
s
POUT = PMAX
Y -10 dBm(within0.2 dB)
VRAMP Input Capacitance
-
3
-
pF
VRAMP Input Current
-
-
10
A
Duty Cycle
-
-
50
%


Similar Part No. - AWT6155

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6155

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
   GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
ANADIGICS, Inc
AWT6168 ANADIGICS-AWT6168 Datasheet
223Kb / 12P
   GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
logo
Skyworks Solutions Inc.
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com