Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVA9232RS35 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # EVA9232RS35
Description  802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA9232RS35 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button EVA9232RS35 Datasheet HTML 6Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 7Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 8Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 9Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 10Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 11Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 12Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 13Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
PRELIMINARY DATA SHEET - Rev 1.0
04/2008
AWL9232
Figure 2: Tx Path Gain and Icc vs. Output Power
Across Freq (VCC = +3.8 V, TA = +25oC)
802.11g 54 Mbps OFDM
Figure 5: Tx Path EVM vs. Output Power Across
Frequency (VCC = +3.8 V, TA = +25oC)
802.11g 54 Mbps OFDM
Figure 3: Tx Path Gain and Icc vs. Output Power
Across Temp (Freq = 2.45 GHz, VCC = +3.8 V)
802.11g 54 Mbps OFDM
Figure 6: Tx Path EVM vs. Output Power Across
Temp (Freq = 2.45 GHz, VCC = +3.8 V)
802.11g 54 Mbps OFDM
PERFORMANCE DATA - TRANSMIT PATH
Figure 4: Tx Path Gain and Icc vs. Output Power
Across Supply Voltage (Freq = 2.45 GHz,
TA = +25oC) 802.11g 54 Mbps OFDM
Figure 7: Tx Path EVM vs. Output Power Across
Power Supply Voltage (Freq = 2.45 GHz,
TA = +25oC) 802.11g 54 Mbps OFDM
Figure 2: Tx Path Gain and Icc vs. Output Power Across Freq
(VCC = +3.8V, TA = +25C)
802.11g 54Mbps OFDM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain2.40GHz
Gain2.45GHz
Gain2.50GHz
Icc2.40GHz
Icc2.45GHz
Icc2.50GHz
Gain
Current
Figure 3. Tx Path Gain and Icc vs. Output Power Across Temp
(Freq = 2.45 GHz, VCC = +3.8V)
802.11g 54 Mbps OFDM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain-40C
Gain+25C
Gain+85C
Icc-40C
Icc+25C
Icc+85C
Gain
Current
Figure 4: Tx Path Gain and Icc vs. Output Power Across Supply Voltage
(Freq = 2.45 GHz, TA = +25C)
802.11g 54Mbps OFDM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain3.0V
Gain3.4V
Gain3.8V
Gain4.2V
Icc3.0V
Icc3.4V
Icc3.8V
Icc4.2V
Gain
Current
Figure 5: Tx Path EVM vs. Output Power Across Freq
(VCC = +3.8V, TA = +25C)
802.11g 54Mbps OFDM
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
EVM2.40GHz
EVM2.45GHz
EVM2.50GHz
Figure 6. Tx Path EVM vs. Output Power Across Temp
(Freq = 2.45 GHz, VCC = +3.8 V)
802.11g 54 Mbps OFDM
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
EVM-40C
EVM+25C
EVM+85C
Figure 7: Tx Path EVM vs. Output Power Across Supply Voltage
(Freq = 2.45 GHz, TA = +25C)
802.11g 54Mbps OFDM
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
EVM3.0V
EVM3.4V
EVM3.8V
EVM4.2V


Similar Part No. - EVA9232RS35

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
EVA9224RS28 ANADIGICS-EVA9224RS28 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
EVA9224RS28 ANADIGICS-EVA9224RS28 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Similar Description - EVA9232RS35

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
   802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
   802.11b/g/n BT WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com