Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6235RM20P8 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6235RM20P8
Description  WiBro 3.4V/25.5dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6235RM20P8 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6235RM20P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6235RM20P8 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.0
06/2007
AWT6235
Table 4: Electrical Specifications
(TC = +25 °C, VCC = +3.4 V, VREF = +2.85 V, 50
Ω system)
Notes:
(1) Spectrum Mask and Efficiency measured at 2345 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain
26.5
29
-
dB
POUT = +25.5 dBm
Spectrum Mask (1)
@ 4.77 MHz
@ 9.27 MHz
@ 13.23 MHz
@ 17.73 MHz
-
-
-
-
-36
-41
-47
-51
-31
-37
-42
-44
dBr
Power-Added Efficiency (1)
20
23
-
%
POUT = +25.5 dBm
Quiescent Current (Icq)
-75
95
mA
Reference Current
-
5.5
7
mA
through VREF pin
Leakage Current
-
<1
5
µA
VCC = +4.2 V, VREF = 0 V,
VMODE = 0 V
Harmonics
2fo
3fo, 4fo
-
-
-40
-40
-30
-30
dBc
Input Impedance
-
2:1
-
VSWR
Spurious Output Level
(all spurious outputs)
--
-70
dBc
POUT < +25.5 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all voltage and
temperature operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR
VCC = +5.0 V, PIN = +5 dBm
Applies over full operating
temperature range


Similar Part No. - AWT6235RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6235RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6275 ANADIGICS-AWT6275 Datasheet
413Kb / 8P
   HELPTM IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com