Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2640AHTS8-HZ10 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2640AHTS8-HZ10
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640AHTS8-HZ10 Datasheet(HTML) 1 Page - Linear Technology

  LTC2640AHTS8-HZ10 Datasheet HTML 1Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 2Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 3Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 4Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 5Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 6Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 7Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 8Page - Linear Technology LTC2640AHTS8-HZ10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2640
1
2640fb
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
Single 12-/10-/8-Bit SPI
VOUT DACs with
10ppm/°C Reference
The LTC®2640 is a family of 12-, 10-, and 8-bit voltage-
output DACs with an integrated, high-accuracy, low-drift
reference in an 8-lead TSOT-23 package. It has a rail-to-rail
output buffer that is guaranteed monotonic.
The LTC2640-L has a full-scale output of 2.5V, and operates
from a single 2.7V to 5.5V supply. The LTC2640-H has a
full-scale output of 4.096V, and operates from a 4.5V to
5.5V supply. A 10ppm/°C reference output is available at
the REF pin.
Each DAC can also operate in External Reference mode,
in which a voltage supplied to the REF pin sets the full-
scale output.
The LTC2640 DACs use a SPI/MICROWIRE™ compatible
3-wire serial interface which operates at clock rates up
to 50MHz.
The LTC2640 incorporates a power-on reset circuit. Op-
tions are available for Reset to Zero-Scale or Reset to
Mid-Scale after power-up.
Integral Nonlinearity (LTC2640A-LZ12)
n Integrated Precision Reference
2.5V Full-Scale 10ppm/°C (LTC2640-L)
4.096V Full-Scale 10ppm/°C (LTC2640-H)
n Maximum INL Error: 1LSB (LTC2640A-12)
n Bidirectional Reference: Input or 10ppm/°C Output
n Low Noise (0.7mVpp, 0.1Hz to 200kHz)
n Guaranteed Monotonic Over Temperature
n 2.7V to 5.5V Supply Range (LTC2640-L)
n Low Power Operation: 180μA at 3V
n Power Down to 1.8μA Maximum (C and I Grades)
n Asynchronous DAC Clear Pin (LTC2640-Z)
n Power-On Reset to Zero or Mid-Scale options
n Double-Buffered Data Latches
n Guaranteed Operation from –40°C to 125°C (H-Grade)
n 8-Lead TSOT-23 (ThinSOT™) Package
n Mobile Communications
n Process Control and Industrial Automation
n Automatic Test Equipment
n Portable Equipment
n Automotive
n Optical Networking
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5396245, 5859606, 6891433,
6937178 and 7414561.
(LTC2640-Z)
DAC
REGISTER
RESISTOR
DIVIDER
INTERNAL
REFERENCE
INPUT
REGISTER
24-BIT
SHIFT
REGISTER
DAC
VOUT
SWITCH
CONTROL
DECODE LOGIC
CS/LD
VCC
REF
GND
CLR
DACREF
2640 TA01
SCK
SDI
CODE
0
0
0.5
4095
2640 TA01b
–0.5
–1.0
1024
2048
3072
1.0
VCC = 3V
VFS = 2.5V


Similar Part No. - LTC2640AHTS8-HZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2640 LINER-LTC2640 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2640AHTS8-HZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com