Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2908CDDB-C1-TRMPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2908CDDB-C1-TRMPBF
Description  Precision Six Input Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908CDDB-C1-TRMPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2908CDDB-C1-TRMPBF Datasheet HTML 3Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 4Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 5Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 6Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2908CDDB-C1-TRMPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2908
7
2908fc
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise noted.
PIN FUNCTIONS
OUTPUT SOURCE CURRENT, IRST (μA)
0
3
4
–16
2908 G21
2
1
–4
–8
–12
–20
85°C
–40°C
5
25°C
V1 = 5.0V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
VADJ1 = VADJ2 = 0.55V
SUPPLY VOLTAGE, VCC (V)
1.5
–20
–25
–30
34
2908 G20
–15
–10
2
2.5
3.5
4.5
5
–5
0
VRT25
LTC2908-C1
VRT50
LTC2908-A1
VRT33
LTC2908-B1
VCC = V1 = V2 (A1/B1), VCC = V1(C1)
V3 = 2.5V (A1)/V3 = 1.8V (B1)
V4 = 1.8V (A1)/V4 = 1.5V (B1)
VADJ1 = VADJ2 = 0.55V (A1/B1)
VADJ1 = VADJ2 = VADJ3 = VADJ4 =
VADJ5 = 0.55V(C1)
RST HELD AT 0V
RST Pull-Up Current vs
Supply Voltage
RST Output Voltage High vs
RST Output Source Current
LTC2908-A1
OUTPUT SOURCE CURRENT, IRST (μA)
0
0.5
1.0
1.5
2.0
–1
–2
–3
–4
2908 G24
–5
–6
–7
–8
25°C
85°C
V1 = 2.5V
VADJ1 = VADJ2 = VADJ3 =
VADJ4 = VADJ5 = 0.55V
–40°C
OUTPUT SOURCE CURRENT, IRST (μA)
0
0.5
1.0
1.5
2.0
2.5
3.0
–2
–4
–6
–8
2908 G22
–10
–12
85°C
–40°C
25°C
V1 = 3.3V
V2 = 2.5V
V3 = 1.8V
V4 = 1.5V
VADJ1 = VADJ2 = 0.55V
RST Output Voltage High vs
RST Output Source Current
LTC2908-B1
RST Output Voltage High vs
RST Output Source Current
LTC2908-C1
V2 (Pin 1/Pin 4): Voltage Input 2. The greater of V1, V2 is
also the internal VCC. The operating voltage on this pin shall
not exceed 6V. When in normal operation (V1 > V2), this pin
draws approximately 8μA. When this pin is acting as the
VCC (V2 > V1), this pin draws an additional 16μA. Bypass
this pin to ground with a 0.1μF (or greater) capacitor.
V4 (Pin 2/Pin 3): Voltage Input 4.
RST (Pin 3/Pin 2): Reset Logic Output. Pulls low when
any voltage input is below the reset threshold and is held
low for 200ms after all voltage inputs are above threshold.
This pin has a weak pull-up to VCC and may be pulled above
VCC using an external pull-up.
GND (Pin 4/Pin 1): Device Ground.
(TS8 Package/DDB8 Package) LTC2908-A1/LTC2908-B1
VADJ2(Pin5/Pin8):AdjustableVoltageInput2.SeeTable 1
for recommended ADJ resistors values.
V3 (Pin 6/Pin 7): Voltage Input 3.
VADJ1 (Pin7/Pin6): Adjustable Voltage Input 1. See Table 1
for recommended ADJ resistors values.
V1 (Pin 8/Pin 5): Voltage Input 1. The greater of V1, V2 is
also the internal VCC. The operating voltage on this pin shall
not exceed 6V. When in normal operation (V1 > V2), this pin
draws approximately 26 μA. When this pin is not acting as
the VCC(V2>V1),thispindrawsapproximately8μA.Bypass
this pin to ground with a 0.1μF (or greater) capacitor.
Exposed Pad (Pin 9, DDB8 Only): Exposed Pad may be
left open or connected to device ground.


Similar Part No. - LTC2908CDDB-C1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2908CDDB-A1 LINEAR-LTC2908CDDB-A1 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
LTC2908CDDB-B1 LINEAR-LTC2908CDDB-B1 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
More results

Similar Description - LTC2908CDDB-C1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com