Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6282RM20P8 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6282RM20P8
Description  HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6282RM20P8 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6282RM20P8 Datasheet HTML 1Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 2Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 3Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 4Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 5Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 6Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 7Page - ANADIGICS, Inc AWT6282RM20P8 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.3
11/2008
AWT6282
Table 4: Electrical Specifications
(Unless Otherwise Specified: TC = +25 °C, VCC = +3.4 V, VBATT = +3.4 V, VENABLE = +2.4 V, 50 Ω system)
Notes:
(1) ACLR and Efficiency measured at 1747.5 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
VMODE2
Gain
25.0
13.0
11.0
27.5
15.0
14.0
30.0
17.5
16.0
dB
+28.5 dBm
+16 dBm
+8 dBm
0 V
2.4 V
2.4 V
0 V
0 V
2.4 V
ACLR1 at 5 MHz offset (1)
-
-
-
-41
-45
-44
-38
-38
-38
dBc
+28.5 dBm
+16 dBm
+8 dBm
0 V
2.4 V
2.4 V
0 V
0 V
2.4 V
ACLR2 at 10 MHz offset
-
-
-
-56
-55
-57
-48
-48
-48
dBc
+28.5 dBm
+16 dBm
+8 dBm
0 V
2.4 V
2.4 V
0 V
0 V
2.4 V
Power-Added Efficiency (1)
39
17
7
42
20
9
-
-
-
%
+28.5 dBm
+16 dBm
+8 dBm
0 V
2.4 V
2.4 V
0 V
0 V
2.4 V
Quiescent Current (Icq)
Low Bias Mode
Medium Bias Mode
-
-
8
15
12
22
mA
VMODE1 = +2.4 V, VMODE2 = +2.4 V
VMODE1 = +2.4 V, VMODE2 = 0 V
Mode Control Current
-
0.25
0.8
mA
through VMODE pins, VMODE = +2.4 V
Enable Current
-
0.2
0.8
mA
through VENABLE pin, VEN = +2.4 V
BATT Current
-
3.5
5
mA
through VBATT pin, VMODE1 = +2.4 V,
VMODE2 = +2.4 V or 0 V
Leakage Current
-
<1
5
µA
VBATT = +4.2 V, VCC = +4.2 V,
VENABLE = 0 V, VMODE1 = 0 V,
VMODE2 = 0 V
Noise in Receive Band
-
-
-136
-140
-135
-138 dBm/Hz
1845 MHz to 1880 MHz
2110 MHz to 2155 MHz
Harmonics
2fo
3fo, 4fo
-
-
-41
-52
-35
-35
dBc
POUT < +28.5 dBm
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < +28.5 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating
conditions
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range


Similar Part No. - AWT6282RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280RM11P8 ANADIGICS-AWT6280RM11P8 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280RM11P9 ANADIGICS-AWT6280RM11P9 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
AWT6281RM20P8 ANADIGICS-AWT6281RM20P8 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6282RM20P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
   HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6243R ANADIGICS-AWT6243R Datasheet
427Kb / 8P
   HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com