Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2640ACTS8-HM12 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2640ACTS8-HM12
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640ACTS8-HM12 Datasheet(HTML) 5 Page - Linear Technology

  LTC2640ACTS8-HM12 Datasheet HTML 1Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 2Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 3Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 4Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 5Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 6Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 7Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 8Page - Linear Technology LTC2640ACTS8-HM12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2640
5
2640fb
ELECTRICAL CHARACTERISTICS
LTC2640-8
LTC2640-10
LTC2640-12
LTC2640A-12
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX MIN TYP MAX MIN TYP
MAX MIN TYP
MAX
UNITS
DC Performance
Resolution
l
8
10
12
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 4) l
8
10
12
12
Bits
DNL
Differential
Nonlinearity
VCC = 3V, Internal Ref. (Note 4) l
±0.5
±0.5
±1
±1
LSB
INL
Integral
Nonlinearity
VCC = 3V, Internal Ref. (Note 4) l
±0.05
±0.5
±0.2
±1
±1
±2.5
±0.5
±1
LSB
ZSE
Zero-Scale Error
VCC = 3V, Internal Ref.,
Code = 0
l
0.5
5
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 5) l
±0.5
±5
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 5)
±10
±10
±10
±10
μV/°C
FSE
Full-Scale Error
VCC = 3V, Internal Ref. (Note 11) l
±0.08
±0.4
±0.08 ±0.4
±0.08 ±0.4
±0.08 ±0.4
%FSR
VFSTC
Full-Scale Voltage
Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 10)
C-Grade
I-Grade
H-Grade
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
ppm/°C
ppm/°C
ppm/°C
Load Regulation
Internal Ref., Mid-Scale,
VCC = 3V ±10%,
–5mA ≤ IOUT ≤ 5mA,
VCC = 5V ±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.009
0.009
0.016
0.016
0.035
0.035
0.064
0.064
0.14
0.14
0.256
0.256
0.14
0.14
0.256
0.256
LSB/mA
LSB/mA
ROUT
DC Output
Impedance
Internal Ref., Mid-Scale,
VCC = 3V ±10%,
–5mA ≤ IOUT ≤ 5mA,
VCC = 5V ±10%,
–10mA ≤ IOUT ≤ 10mA
l
l
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
Ω
Ω
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2640-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2640A-LM12/-LZ12 (VFS = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V ±10% or 5V ±10%
–80
dB
ISC
Short-Circuit Output Current (Note 6)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT shorted to VCC
Full-Scale; VOUT shorted to GND
l
l
27
–28
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 7)
VCC = 3V, VREF = 2.5V, External Reference
VCC = 3V, Internal Reference
VCC = 5V, VREF = 2.5V, External Reference
VCC = 5V, Internal Reference
l
l
l
l
150
180
160
190
200
240
210
260
μA
μA
μA
μA
ISD
Supply Current in Power-Down Mode
(Note 7)
VCC = 5V, C-Grade, I-Grade
VCC = 5V, H-Grade
l
l
0.6
0.6
1.8
4
μA
μA


Similar Part No. - LTC2640ACTS8-HM12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2640 LINER-LTC2640 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2640ACTS8-HM12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com