Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6331 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6331
Description  ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6331 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWT6331 Datasheet HTML 1Page - ANADIGICS, Inc AWT6331 Datasheet HTML 2Page - ANADIGICS, Inc AWT6331 Datasheet HTML 3Page - ANADIGICS, Inc AWT6331 Datasheet HTML 4Page - ANADIGICS, Inc AWT6331 Datasheet HTML 5Page - ANADIGICS, Inc AWT6331 Datasheet HTML 6Page - ANADIGICS, Inc AWT6331 Datasheet HTML 7Page - ANADIGICS, Inc AWT6331 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Data Sheet - Rev 2.1
10/2008
AWT6331
PACKAGE OUTLINE
Figure 4: M27 Package Outline - 10 Pin 3 mm x 3 mm x 1 mm Surface Mount Module
Figure 5: Branding Specification
6331R
LLLLNN
BBBBCC


Similar Part No. - AWT6331

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332RM27P9 ANADIGICS-AWT6332RM27P9 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332RM27Q7 ANADIGICS-AWT6332RM27Q7 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results

Similar Description - AWT6331

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
   HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
   HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com