Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2919IDDB-3.3-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2919IDDB-3.3-PBF
Description  Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2919IDDB-3.3-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2919IDDB-3.3-PBF Datasheet HTML 6Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 7Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 8Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 9Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 10Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 11Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 12Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 13Page - Linear Technology LTC2919IDDB-3.3-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2919
10
2919f
APPLICATIO S I FOR ATIO
Adjust Input Trip Point
The trip threshold for the supplies monitored by the
adjustable inputs is set with an external resistor divider,
allowing the user complete control over the trip point.
Selection of this trip voltage is crucial to the monitoring
of the system.
Any power supply has some tolerance band within which
it is expected to operate (e.g., 5V ±10%). It is generally
undesirable that a supervisor issue a reset when the power
supply is inside this tolerance band. Such a “nuisance”
reset reduces reliability by preventing the system from
functioning under normal conditions.
Table 2b. Possible Combinations of Supply Monitoring. For Example Purposes, All Supplies are Monitored at 5% Tolerance and
Connections are Shown Only for ADJ1, ADJ2, REF, SEL, OUT1 and OUT2. Output Pull-up Resistors are Omitted for Clarity.
ADJ1
ADJ2
OUT1
OUT2
UV
OV
SEL
15V
RP6
2.37M
RP5
10.7k
RP4
76.8k
REF
SEL OPEN
1 Positive UV and OV
ADJ1
ADJ2
OUT1
OUT2
UV (15V)
OV (5V)
SEL
5V
15V
RP2B
133k
RP1B
13.7k
RP1A
11.5k
RP2A
309k
REF
1 Positive UV, 1 Positive OV
1 Negative OV, 1 Positive OV
ADJ1
ADJ2
OUT1
OUT2
OV
UV
SEL
–15V
RN6
1.02M
RN4
30.9k
RN5
4.02k
REF
1 Negative UV and OV
ADJ1
ADJ2
OUT1
OUT2
OV (–15V)
OV (15V)
SEL
15V
–15V
RP2
619k
RP1
20k
RN1
30.9k
RN2
1.02M
REF
ADJ1
ADJ2
OUT1
OUT2
OV (–15V)
UV (–5V)
SEL
–5V
–15V
RN2B
137k
RN1B
13.3k
RN1A
30.9k
RN2A
1.02M
REF
ADJ1
ADJ2
OUT1
OUT2
UV (15V)
UV (–15V)
SEL
–15V
15V
RN2
309k
RN1
10.7k
RP1
11.5k
RP2
309k
REF
1 Positive UV, 1 Negative UV
1 Negative UV, 1 Negative OV
To prevent nuisance resets, the supervisor threshold must
be guaranteed to lie outside the power supply tolerance
band. To ensure that the threshold lies outside the power
supply tolerance range, the nominal threshold must lie out-
side that range by the monitor’s accuracy specification.
All three of the LTC2919 inputs (ADJ1, ADJ2, VCC UVLO)
have the same maximum threshold accuracy of ±1.5% of
the programmed nominal input voltage (over the full operat-
ing temperature range). Therefore, using the LTC2919, the
typical 10% UV threshold is at 11.5% below the nominal
input voltage level. For a 5V input, the threshold is nominally
4.425V. With ±1.5% accuracy, the trip threshold range is


Similar Part No. - LTC2919IDDB-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2919IDDB-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com