Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6331RM27Q7 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6331RM27Q7
Description  ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6331RM27Q7 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6331RM27Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6331RM27Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet - Rev 2.1
10/2008
AWT6331
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC and VBATT)
0
+5
V
Mode Control Voltage (VMODE)
0
+3.5
V
Enable Voltage (VEN)
0
+3.5
V
RF Input Power (PIN) to PA
-
+10
dBm
RF Input Power (PIN) to Switch
-
+20
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
824
-
849
MHz
Supply Voltage (VCC and VBATT)
+3.2
+3.4
+4.2
V
Enable Voltage (VEN)
+2.2
0
+2.4
-
+3.1
+0.5
V
PA "on", Switch "on"
PA "shut down"
Mode Control Voltage (VMODE)
+2.2
0
+2.4
-
+3.1
+0.5
V
PA Mode
Switch Mode
RF Output Power (POUT)
27.5(1)
28.0
-
dBm
CDMA
Case Temperature (TC)
-30
-
+85
°C


Similar Part No. - AWT6331RM27Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332RM27P9 ANADIGICS-AWT6332RM27P9 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332RM27Q7 ANADIGICS-AWT6332RM27Q7 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results

Similar Description - AWT6331RM27Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
   HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
   HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com