Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2920-1CS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2920-1CS5
Description  Single/Dual Power Supply Margining Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2920-1CS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2920-1CS5 Datasheet HTML 6Page - Linear Technology LTC2920-1CS5 Datasheet HTML 7Page - Linear Technology LTC2920-1CS5 Datasheet HTML 8Page - Linear Technology LTC2920-1CS5 Datasheet HTML 9Page - Linear Technology LTC2920-1CS5 Datasheet HTML 10Page - Linear Technology LTC2920-1CS5 Datasheet HTML 11Page - Linear Technology LTC2920-1CS5 Datasheet HTML 12Page - Linear Technology LTC2920-1CS5 Datasheet HTML 13Page - Linear Technology LTC2920-1CS5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2920-1/LTC2920-2
10
292012fa
APPLICATIO S I FOR ATIO
For any desired VMARGIN:
ITRIM = VMARGIN/KTRIM
RSET can now be calculated for the LTC2920.
For 5
μA ≤ ITRIM ≤ 167μA:
RSET = 1V/ITRIM
Connect RSETbetween the RS pin and the LTC2920 ground
pin.
For 167
μA < ITRIM ≤ 2mA:
RSET = 1V/(ITRIM/30)
Connect RSET between the RS pin and the LTC2920 VCC
pin.
If ITRIM falls outside of this range, the LTC2920 cannot be
used for this application.
The LTC2920 can source or sink current only when the
voltage at the IM pin is between 0.6 and (VCC – 0.6) volts.
In order to be sure that the LTC2920 will operate correctly
in this application, ensure that the VT node will stay within
these limits. To do this, calculate the effective output
resistance of the power supply module’s trim output pin,
RVT (refer to Figure 10). Using the measurements taken
above, the open circuit voltage is:
VREF = VTNOM
To calculate RVT, subtract the untrimmed VTNOM and
trimmed VTTRIM voltages measured above:
VTDELTA = VTNOM – VTTRIM
The effective TRIM pin source resistance can then be
calculated by:
RVT = VTDELTA/ITRIM
The voltage at the LTC2920 IMARGIN pin for any ITRIM can
now calculated for both voltage margin directions. Refering
to Figure 10:
VTSINK = VREF – (RVT • ITRIM)
VTSOURCE = VREF + (RVT • ITRIM)
Note: be sure to use these equations to verify that VTSINK
and VTSOURCE are within LTC2920 VM voltages specified in
Even though the manufacturer does not directly supply the
equation for the trim current, a simple measurement can
be made to calculate an equation for VTRIM as a function
of ITRIM.
To do this, select the trim resistor configuration which
places the trim resistor between the trim pin and ground
(see Figure 10).
With the trim resistor connected to ground, note the
direction of the power module output voltage change. This
is the direction that the power module output voltage will
change when the LTC2920 IN control pin is HIGH, above
VIH. Remember that the direction of the voltage trim for
this configuration can vary among power modules, even
among power modules from the same manufacturer.
Calculate a resistor value from the manufacturer’s equa-
tion, or select it from a chart (if a chart is supplied by the
manufacturer). Pick a value near the middle of the trim
resistor range. Obtain and measure the selected resistor
with an ohmmeter or use a precision 0.1% resistor.
Knowing the correct value of this resistance is critical to
obtaining good results. Make provisions to connect and
disconnect this test resistor between the trim pin and the
power supply module’s negative output pin. (Figure 10.)
Carefully follow all other manufacturer’s application notes
regarding power supply input voltage, minimum and
maximum output voltages, sense pin connections (if any),
minimum and maximum current loads, etc. Failure to do
so may permanently damage the power supply module!
Apply the specified input voltage to the power supply
module. Measure the power supply output voltage VPS
and the VT voltages before and after connecting the trim
resistor.
Subtract the untrimmed (VPSNOM) and trimmed (VPSTRIM)
power supply output voltages to obtain the trim voltage
(VDELTA):
VDELTA = VPSNOM – VPSTRIM
and the trim current:
ITRIM = VTRIM/RTRIM
Calculate the linear current trim constant KTRIM:
KTRIM = VDELTA/ITRIM


Similar Part No. - LTC2920-1CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results

Similar Description - LTC2920-1CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com