Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2859IDD-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2859IDD-TRPBF
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2859IDD-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2859IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 11Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 12Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 13Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 14Page - Linear Technology LTC2859IDD-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2859/LTC2861
11
285961fb
Receiver and Failsafe
With the receiver enabled, when the absolute value of the
differential voltage between the A and B pins is greater than
200mV, the state of RO will reflect the polarity of (A-B).
The LTC2859/LTC2861 have a failsafe feature that guaran-
tees the receiver output to be in a logic HIGH state when
the inputs are either shorted, left open, or terminated
(externally or internally), but not driven for more than
about 3μs. The delay prevents signal zero crossings from
being interpreted as shorted inputs and causing RO to go
high inadvertently. This failsafe feature is guaranteed to
work for inputs spanning the entire common mode range
of –7V to +12V.
The receiver output is internally driven high (to VCC) or
low (to ground) with no external pull-up needed. When the
receiver is disabled the RO pin becomes Hi-Z with leakage
of less than ±1μA for voltages within the supply range.
Receiver Input Resistance
The receiver input resistance from A or B to ground is
guaranteed to be greater than 96k when the termina-
tion is disabled. This is 8X higher than the requirements
for RS485 standard and thus this receiver represents a
one-eighth unit load. This, in turn, means that 8X the
standard number of receivers, or 256 total, can be con-
nected to a line without loading it beyond what is called
out in the RS485 standard. The input resistance of the
receivers is unaffected by enabling/disabling the receiver
and by powering/unpowering the part. The equivalent input
resistance looking into A and B is shown in Figure 9. The
termination resistor cannot be enabled by TE if the device
is unpowered or in thermal shutdown mode.
Switchable Termination
Proper cable termination is very important for good
signal fidelity. If the cable is not terminated with its char-
acteristic impedance, reflections will result in distorted
waveforms.
The LTC2859/LTC2861 are the first RS485 transceivers to
offer integrated switchable termination resistors on the
receiver input pins. This provides the tremendous advan-
tage of being able to easily change, through logic control,
the proper line termination for optimal performance when
configuring transceiver networks.
When the TE pin is high, the termination resistor is en-
abled and the differential resistance from A to B is 120Ω.
Figure 10 shows the I/V characteristics between pins A
and B with the termination resistor enabled and disabled.
Figure 10. Curve Trace Between A and B
with Termination Enabled and Disabled
Figure 9. Equivalent Input Resistance into A and B
(on the LTC2859, Valid if Driver is Disabled)
APPLICATIONS INFORMATION
60Ω
60Ω
A
TE
B
2859/61 F09
>96k
>96k


Similar Part No. - LTC2859IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
More results

Similar Description - LTC2859IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com