Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2930CDD-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2930CDD-TRPBF
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2930CDD-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2930CDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC2930CDD-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC2930
7
2930fa
APPLICATIONS INFORMATION
Supply Monitoring
The LTC2930 is a low power, high accuracy configurable six
supply monitoring circuit with a common reset output. An
external capacitor sets the reset timeout period. An external
resistive divider between VREF, VPG and GND selects 1 of
16 possible input voltage monitor combinations. All six volt-
age inputs must be above their predetermined thresholds
for the reset not to be activated. The LTC2930 asserts the
reset output during power-up, power-down and brownout
conditions on any one of the voltage inputs.
Power-Up
The greater of V1 and V2 serves as the internal supply
voltage (VCC). On power-up, VCC powers the drive circuits
for the RST pin. This ensures that the RST output will be
low as soon as either V1 or V2 reaches 1V. The RST output
remains low until the part is configured. Once voltage
thresholds are set, if any of the supply monitor inputs is
below its configured threshold, RST will be a logic low.
Once all the monitor inputs rise above their thresholds,
an internal timer is started and RST is released after the
delay time. If VCC < (V3 – 1.0V) and VCC < 2.4V, the V3
input impedance will be low (10kΩ typical).
Threshold Accuracy
Consider a 5V system with ±5% tolerance. The 5V supply
may vary between 4.75V to 5.25V. System ICs powered by
this supply must operate reliably within this band (and a
little more as explained below). A perfectly accurate su-
Table 1. Voltage Threshold Modes*
MODE V1 (V) V2 (V) V3 (V) V4 (V) R1 (kΩ) R2 (kΩ)
VPG
VREF
0
5.0
3.3
ADJ
ADJ
Open
Short
0.000
1
5.0
3.3
ADJ
–ADJ
93.1
9.53
0.094
2
3.3
2.5
ADJ
ADJ
86.6
16.2
0.156
3
3.3
2.5
ADJ
–ADJ
78.7
22.1
0.219
4
3.3
2.5
1.5
ADJ
71.5
28.0
0.281
5
5.0
3.3
2.5
ADJ
66.5
34.8
0.344
6
5.0
3.3
2.5
1.8
59.0
40.2
0.406
7
5.0
3.3
2.5
1.5
53.6
47.5
0.469
8
5.0
3.0
2.5
ADJ
47.5
53.6
0.531
9
5.0
3.0
ADJ
ADJ
40.2
59.0
0.594
10
3.3
2.5
1.8
1.5
34.8
66.5
0.656
11
3.3
2.5
1.8
ADJ
28.0
71.5
0.719
12
3.3
2.5
1.8
–ADJ
22.1
78.7
0.781
13
5.0
3.3
1.8
–ADJ
16.2
86.6
0.844
14
5.0
3.3
1.8
ADJ
9.53
93.1
0.906
15
5.0
3.0
1.8
ADJ
Short
Open
1.000
*V5 and V6 are always adjustable (ADJ).
pervisor for this supply generates a reset at exactly 4.75V,
however no supervisor is this perfect. The actual reset
threshold of a supervisor varies over a specified band;
the LTC2930 varies ±1.5% around its nominal threshold
voltage (see Figure 1) over temperature.
The reset threshold band and the power supply tolerance
bands should not overlap. This prevents false or nuisance
resets when the power supply is actually within its speci-
fied tolerance band.
The LTC2930 has a ±1.5% reset threshold accuracy, so a
“5%” threshold is typically set to 6.5% below the nominal
input voltage. Therefore, a typical 5V, “5%” threshold is
4.675V. The threshold is guaranteed to lie in the band be-
tween 4.750V and 4.600V over temperature. The powered
system must work reliably down to the low end of the
threshold band, or risk malfunction before a reset signal
is properly issued.
A less accurate supervisor increases the required system
voltage margin and increases the probability of system
malfunction. The LTC2930 ±1.5% specification improves
the reliability of the system over supervisors with wider
threshold tolerances.
5V
4.75V
4.675V
±1.5%
THRESHOLD
BAND
4.6V
NOMINAL
SUPPLY
VOLTAGE
SUPPLY TOLERANCE
MINIMUM
RELIABLE
SYSTEM
VOLTAGE
IDEAL
SUPERVISOR
THRESHOLD
REGION OF POTENTIAL MALFUNCTION
–5%
–6.5%
–8%
Figure 1. 1.5% Threshold Accuracy Improves System Reliability


Similar Part No. - LTC2930CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results

Similar Description - LTC2930CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com