Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2858CDD-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2858CDD-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2858CDD-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2858CDD-2 Datasheet HTML 4Page - Linear Technology LTC2858CDD-2 Datasheet HTML 5Page - Linear Technology LTC2858CDD-2 Datasheet HTML 6Page - Linear Technology LTC2858CDD-2 Datasheet HTML 7Page - Linear Technology LTC2858CDD-2 Datasheet HTML 8Page - Linear Technology LTC2858CDD-2 Datasheet HTML 9Page - Linear Technology LTC2858CDD-2 Datasheet HTML 10Page - Linear Technology LTC2858CDD-2 Datasheet HTML 11Page - Linear Technology LTC2858CDD-2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
8
285678fe
A
B
VCM
±VAB/2
±VAB/2
RO
CL
285678 F06
RECEIVER
tPLHR
tPHLR
90%
0
tSKEWR = tPLHR – tPHLR
90%
1/2 VCC
1/2 VCC
tRR
tFR
10%
285678 F06b
10%
VAB
VCC
VO
0
–VAB
RO
A-B
Figure 6. Receiver Propagation Delay Measurements
A
B
0V OR VCC
VCC OR 0V
RO
RE
CL
DI = 0V OR VCC
RL
VCC
OR
GND
285678 F07a
RECEIVER
tZLR,
tZLSR
tZHR,
tZHSR
tHZR
tLZR
1/2 VCC
1/2 VCC
1/2 VCC
RE
RO
RO
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285678 F05b
Figure 7. Receiver Enable/Disable Time Measurements
FUNCTION TABLES
LTC2856-1, LTC2856-2
LOGIC INPUTS
MODE
A, B
RO
DE
RE
0
0
Receive
RIN
Driven
0
1
Shutdown
RIN
High-Z
1
0
Transceive
Driven
Driven
1
1
Transmit
Driven
High-Z
LTC2858-1, LTC2858-2
LOGIC INPUTS
MODE
A, B
Y, Z
RO
DE
RE
0
0
Receive
RIN
High-Z
Driven
0
1
Shutdown
RIN
High-Z
High-Z
1
0
Transceive
RIN
Driven
Driven
1
1
Transmit
RIN
Driven
High-Z
TEST CIRCUITS


Similar Part No. - LTC2858CDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2858 LINER-LTC2858 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2858 LINER-LTC2858 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2858-1 LINER-LTC2858-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

Similar Description - LTC2858CDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com