Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2856HDD-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2856HDD-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2856HDD-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2856HDD-2 Datasheet HTML 3Page - Linear Technology LTC2856HDD-2 Datasheet HTML 4Page - Linear Technology LTC2856HDD-2 Datasheet HTML 5Page - Linear Technology LTC2856HDD-2 Datasheet HTML 6Page - Linear Technology LTC2856HDD-2 Datasheet HTML 7Page - Linear Technology LTC2856HDD-2 Datasheet HTML 8Page - Linear Technology LTC2856HDD-2 Datasheet HTML 9Page - Linear Technology LTC2856HDD-2 Datasheet HTML 10Page - Linear Technology LTC2856HDD-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
7
285678fe
TEST CIRCUITS
DRIVER
DI
RDIFF
CL
CL
285678 F04a
Y
Z
tPLHD,
tPLHDS
1/2 VO
90%
90%
00
tRD,
tRDS
tFD,
tFDS
10%
285678 F04b
10%
VO
VCC
Y, Z
DI
Y-Z
0V
tSKEWD,tSKEWDS
tPHLD,
tPHLDS
Figure 4. Driver Timing Measurement
Figure 5. Driver Enable and Disable Timing Measurement
DRIVER
DI
VCC
OR
GND
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
285678 F05a
Y
Z
DE
CL
tZLD,
tZLDS,
tZLSD,
tZLSDS
tZHD,
tZHDS,
tZHSD,
tZHSDS
tHZD,
tHZDS,
tSHDN,
tSHDNS
tLZD,
tLZDS
1/2 VCC
1/2 VCC
1/2 VCC
DE
Y OR Z
Z OR Y
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285678 F05b


Similar Part No. - LTC2856HDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856 LINER-LTC2856 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2856 LINER-LTC2856 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2856-1 AD-LTC2856-1 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2856HDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com