Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2858HDD-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2858HDD-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2858HDD-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC2858HDD-2 Datasheet HTML 1Page - Linear Technology LTC2858HDD-2 Datasheet HTML 2Page - Linear Technology LTC2858HDD-2 Datasheet HTML 3Page - Linear Technology LTC2858HDD-2 Datasheet HTML 4Page - Linear Technology LTC2858HDD-2 Datasheet HTML 5Page - Linear Technology LTC2858HDD-2 Datasheet HTML 6Page - Linear Technology LTC2858HDD-2 Datasheet HTML 7Page - Linear Technology LTC2858HDD-2 Datasheet HTML 8Page - Linear Technology LTC2858HDD-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
1
285678fe
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
20Mbps and Slew Rate
Limited 15kV RS485/RS422
Transceivers
The LTC
®2856-1, LTC2856-2, LTC2857-1, LTC2857-2,
LTC2858-1 and LTC2858-2 are low power, RS485/RS422
transceivers operating on 5V supplies at maximum data
rates of 20Mbps or 250kbps for low EMI. The receiver has
a one-eighth unit load, supporting up to 256 nodes per
bus (C, I-Grade), and a failsafe feature that guarantees a
high output state under conditions of floating or shorted
inputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supply is removed. Excessive power dissipation caused by
bus contention or a fault is prevented by current limiting
all outputs and by thermal shutdown.
Enhanced ESD protection allows these parts to withstand
±15kV (human body model) on the transceiver interface
pins without latchup or damage.
20Mbps or Low EMI 250kbps Maximum Data Rate
No Damage or Latchup to ESD: ±15kV HBM
High Input Impedance Supports 256 Nodes
(C, I-Grade)
Operation Up to 125°C (H-Grade)
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
Current Limited Drivers and Thermal Shutdown
Delayed Micropower Shutdown: 5μA Maximum
(C, I-Grade)
Power Up/Down Glitch-Free Driver Outputs
Low Operating Current: 900μA Maximum in Receive
Mode
Compatible with TIA/EIA-485-A Specifications
Available in 8-Lead and 10-Lead 3mm
× 3mm DFN
and 8-Lead and 10-Lead MSOP Packages
Low Power RS485/RS422 Transceiver
Level Translator
Backplane Transceiver
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
RT
LTC2856-1
LTC2856-1
RT
285678 TA01a
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
PART
NUMBER
MAX DATA
RATE (Mbps)
DUPLEX
PACKAGE
LTC2856-1
20
Half
MSOP-8, DFN-8
LTC2856-2
0.25
Half
MSOP-8, DFN-8
LTC2857-1
20
Full
MSOP-8, DFN-8
LTC2857-2
0.25
Full
MSOP-8, DFN-8
LTC2858-1
20
Full
MSOP-10, DFN-10
LTC2858-2
0.25
Full
MSOP-10, DFN-10
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
DI
Y
Z
Y-Z
20ns/DIV
2856 TA01b
LTC2858-1 at 20Mbps


Similar Part No. - LTC2858HDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2858 LINER-LTC2858 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2858 LINER-LTC2858 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2858-1 LINER-LTC2858-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

Similar Description - LTC2858HDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com