Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2927ITS8-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2927ITS8-TR
Description  Single Power Supply Tracking Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927ITS8-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2927ITS8-TR Datasheet HTML 4Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 5Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 6Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 7Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 8Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 9Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 10Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 11Page - Linear Technology LTC2927ITS8-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2927
8
2927fb
RONB
138k
RONA
100k
ON
RAMP
MASTER
1.8V
2927 F07
VCC
VIN
EARLY
VIN
3.3V
LTC2927
GND
SDO
FB
RUN/SS
IN
DC/DC
FB = 1.235V
OUT
RAMPBUF
TRACK
0.1μF
CRAMP
10pF
RTB
16.5k
RFB
16.5k
RFA
35.7k
RTA
13k
Figure 7. SDO Shutdown Application
RONB
RONA
ON
RAMP
MASTER
SLAVE
2927 F08
VCC
VIN
EARLY
VIN
LTC2927
GND
FB
IN
DC/DC
FB
OUT
RAMPBUF
TRACK
0.1μF
CRAMP
RTB
RFB
RFA
RTA
Figure 8. Single Supply Application
SDO pulls low again when the ON pin is pulled below 1.23V
and the RAMP pin is below about 200mV.
3-Step Design Procedure
The following 3-step procedure allows one to complete
a design for any of the tracking or sequencing profiles
shown in Figures 1 to 4. A basic single supply application
circuit is shown in Figure 8.
1. Set the ramp rate of the master signal.
Solve for the value of CRAMP, the capacitor on the RAMP
pin, based on the desired ramp rate (V/s) of the master
supply, SM.
C
I
S
where I
A
RAMP
RAMP
M
RAMP
=≈ μ
10
1
()
2. Solve for the pair of resistors that provide the desired
ramp rate of the slave supply, assuming no delay.
Choose a ramp rate for the slave supply, SS. If the slave
supply ramps up coincident with the master signal or
with a fixed voltage offset, then the ramp rate equals
the master supply’s ramp rate. Be sure to use a fast
enough ramp rate for the slave supply so that it will finish
ramping before the master signal has reached its final
supply value. If not, the slave supply will be held below
the intended regulation value by the master signal. Use
the following formulas to determine the resistor values
for the desired ramp rate, where RFB and RFA are the
feedback resistors in the slave supply and VFB is the
feedback reference voltage of the slave supply:
RR
S
S
TB
FB
M
S
=•
()
2
R
V
V
R
V
R
V
R
TA
TRACK
FB
FB
FB
FA
TRACK
TB
′ =
+−
()
3
where VTRACK ≈ 0.8V.
Note that large ratios of slave ramp rate to master ramp
rate, SS/SM, may result in negative values for RTA’. If
sufficiently large delay is used in step 3, RTA will be
positive, otherwise SS/SM must be reduced.
3. Choose RTA to obtain the desired delay.
If no delay is required, such as in coincident and ratio-
metric tracking, then simply set RTA = RTA’. If a delay
is desired, as in offset tracking and supply sequencing,
calculate RTA” to determine the value of RTA where tD
is the desired delay in seconds.
R
VR
tS
TA
TRACK
TB
DM
″ =
()
4
RR
R
TA
TA
TA
=
′″
||
( )
5
the parallel combination of RTA’ and RTA”.
Asnotedinstep2,smalldelaysandlargeratiosofslaveramp
rate to master ramp rate (usually only seen in sequencing)
may result in solutions with negative values for RTA. In such
cases, either the delay must be increased or the ratio of
slave ramp rate to master ramp rate must be reduced.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC2927ITS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
More results

Similar Description - LTC2927ITS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
   Power Supply Tracking Controller
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com