Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2857CMS8-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2857CMS8-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2857CMS8-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2857CMS8-2 Datasheet HTML 5Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 6Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 7Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 8Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 9Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 10Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 11Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 12Page - Linear Technology LTC2857CMS8-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
9
285678fe
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
Driver Output Short-Circuit
Current vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
TEMPERATURE (°C)
–40
–1
0
1
2
–20
0
20
40
385678 G01
60
80
100 120
VAB = 1.5V
CL = 15pF
TEMPERATURE (°C)
–40
–1
0
1
2
–20
0
20
40
385678 G02
60
80
100 120
RDIFF = 54Ω
CL = 100pF
TEMPERATURE (°C)
–40
12
14
16
80
285678 G03
10
8
040
–20
100
20
60
120
6
4
18
RDIFF = 54Ω
CL = 100pF
TEMPERATURE (°C)
–40
80
100
120
140
160
–20
0
20
40
285678 G04
60
80
100 120
SOURCE
(VOUT = 0V)
SINK
(VOUT = 5V)
OUTPUT CURRENT (mA)
010
0
2
5
VOH
VOL
20
40
50
285678 G05
1
4
3
30
60
70
TEMPERATURE (°C)
–40
3
4
5
20
60
120
285678 G06
2
1
0
–20
0
40
80
100
RDIFF = ∞
RDIFF = 100Ω
RDIFF = 54Ω
OUTPUT CURRENT (mA)
0
3
4
5
4
285678 G07
2
1
0
1
2
3
SINK
SOURCE
5
TEMPERATURE (°C)
–40
50
60
120
285678 G08
40
30
0
40
80
–20
20
60
100
70
45
55
35
65
VAB = 1.5V
CL = 15pF
DATA RATE (Mbps)
0.1
0
40
50
60
1
10
100
285678 G09
30
20
10
CL = 100pF
RDIFF = ∞
RDIFF = 100Ω
RDIFF = 54Ω
TA = 25°C, VCC = 5V unless otherwise noted.


Similar Part No. - LTC2857CMS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2857 LINER-LTC2857 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2857 LINER-LTC2857 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2857-1 LINER-LTC2857-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

Similar Description - LTC2857CMS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com