Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2636HMS-LMI12 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2636HMS-LMI12
Description  Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/째C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2636HMS-LMI12 Datasheet(HTML) 1 Page - Linear Technology

  LTC2636HMS-LMI12 Datasheet HTML 1Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 2Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 3Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 4Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 5Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 6Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 7Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 8Page - Linear Technology LTC2636HMS-LMI12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2636
1
2636f
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
Octal 12-/10-/8-Bit SPI VOUT
DACs with10ppm/°C Reference
The LTC®2636 is a family of octal 12-, 10-, and 8-bit
voltage-output DACs with an integrated, high-accuracy,
low-drift 10ppm/°C reference in 14-lead DFN and 16-lead
MSOP packages. It has a rail-to-rail output buffer and is
guaranteed monotonic. The LTC2636-L has a full-scale
output of 2.5V, and operates from a single 2.7V to 5.5V
supply. The LTC2636-H has a full-scale output of 4.096V,
and operates from a 4.5V to 5.5V supply. Each DAC can
also operate with an external reference, which sets the DAC
full-scale output to the external reference voltage.
These DACs communicate via an SPI/MICROWIRE™-com-
patible 3-wire serial interface which operates at clock rates
up to 50MHz. Hardware clear (CLR) and asynchronous
DAC update (LDAC) pins are available in the MSOP pack-
age. The LTC2636 incorporates a power-on reset circuit.
Options are available for reset to zero-scale or reset to
mid-scale in internal reference mode, or reset to mid-scale
in external reference mode after power-up.
12-Bit Integral Nonlinearity
(LTC2636-LZ12)
n Integrated Precision Reference
2.5V Full-Scale 10ppm/°C (LTC2636-L)
4.096V Full-Scale 10ppm/°C (LTC2636-H)
n Maximum INL Error: 2.5LSB (LTC2636-12)
n Low Noise: 0.75mVP-P 0.1Hz to 200KHz
n Guaranteed Monotonic Over –40°C to 125°C
Temperature Range
n Selectable Internal or External Reference
n 2.7V to 5.5V Supply Range (LTC2636-L)
n Ultralow Crosstalk Between DACs (<2.4nV•s)
n Low Power: 0.9mA at 3V (LTC2636-L)
n Power-On-Reset to Zero-Scale/Mid-Scale
n Double-Buffered Data Latches
n Tiny 14-Lead 4mm
× 3mm DFN and 16-Lead MSOP
Packages
n Mobile Communications
n Process Control and Industrial Automation
n Automatic Test Equipment
n Portable Equipment
n Automotive
n Optical Networking
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
SPI/MICROWIRE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 5396245, 5859606,
6891433, 6937178, 7414561.
2636 BD
GND
VOUTA
VOUTB
VOUTC
VOUTD
SCK
CS/LD
(LDAC)
REF
VCC
VOUTH
VOUTG
VOUTF
VOUTE
SDI
(CLR)
INTERNAL REFERENCE
SWITCH
DAC A
CONTROL LOGIC
DECODE
POWER-ON RESET
VREF
VREF
VREF
VREF
VREF
VREF
VREF
DAC B
DAC C
DAC D
DAC H
DAC G
DAC F
DAC E
32-BIT SHIFT REGISTER
( ) MSOP PACKAGE ONLY
CODE
0
2
1
0
–1
–2
1024
3072
2636 TA01
4095
2048
VCC = 3V
INTERNAL REF.


Similar Part No. - LTC2636HMS-LMI12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2636 LINER-LTC2636 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2636 LINER-LTC2636 Datasheet
594Kb / 28P
   16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2636 LINER-LTC2636 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2636HMS-LMI12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com