Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2858HMS-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2858HMS-2
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2858HMS-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2858HMS-2 Datasheet HTML 6Page - Linear Technology LTC2858HMS-2 Datasheet HTML 7Page - Linear Technology LTC2858HMS-2 Datasheet HTML 8Page - Linear Technology LTC2858HMS-2 Datasheet HTML 9Page - Linear Technology LTC2858HMS-2 Datasheet HTML 10Page - Linear Technology LTC2858HMS-2 Datasheet HTML 11Page - Linear Technology LTC2858HMS-2 Datasheet HTML 12Page - Linear Technology LTC2858HMS-2 Datasheet HTML 13Page - Linear Technology LTC2858HMS-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
10
285678fe
PIN FUNCTIONS
PIN NAME
PIN NUMBER
DESCRIPTION
LTC2856-1
LTC2856-2
LTC2857-1
LTC2857-2
LTC2858-1
LTC2858-2
RO
1
2
1
Receiver Output. If the receiver output is enabled (RE low) and A > B by 200mV,
then RO will be high. If A < B by 200mV, then RO will be low. If the receiver
inputs are open, shorted or terminated without a valid signal, RO will be high.
RE
2
2
Receiver Enable. A low enables the receiver. A high input forces the receiver
output into a high impedance state.
DE
3
3
Driver Enable. A high on DE enables the driver. A low input will force the driver
outputs into a high impedance. If RE is high with DE low, the part will enter a
low power shutdown state.
DI
4
3
4
Driver Input. If the driver outputs are enabled (DE high), then a low on DI forces
the driver positive output low and negative output high. A high on DI, with
the driver outputs enabled, forces the driver positive output high and negative
output low.
GND
5/9*
4/9*
5/11*
Ground. *The Exposed Pad on the DFN packages should be connected to
ground.
Y
5
6
Noninverting Driver Output for the LTC2857-1, LTC2857-2, LTC2858-1 and
LTC2858-2. High impedance when the driver is disabled (LTC2858-1) or
unpowered.
Z
6
7
Inverting Driver Output for the LTC2857-1, LTC2857-2, LTC2858-1 and
LTC2858-2. High impedance when the driver is disabled (LTC2858-1) or
unpowered.
B
7
7
8
Inverting Receiver Input (and Inverting Driver Output for the LTC2856-1 and
LTC2856-2). Impedance is > 96k
Ω in receive mode or unpowered.
A
6
8
9
Noninverting Receiver Input (and Noninverting Driver Output for the LTC2856-1
and LTC2856-2). Impedance is > 96k
Ω in receive mode or unpowered.
VCC
8
1
10
Positive Supply. 4.5V < VCC < 5.5V. Bypass with a 0.1μF ceramic capacitor.


Similar Part No. - LTC2858HMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2858 LINER-LTC2858 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2858 LINER-LTC2858 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2858-1 LINER-LTC2858-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

Similar Description - LTC2858HMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-2 LINER-LTC2858-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com