Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1189 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1189
Description  Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1189 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1189 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AIC1189
8
TYPICAL PERFORMANCE CHARACTERISTICS
2.5
3.0
3.5
4.0
4.5
5.0
5.5
65
70
75
80
85
90
V
OUT
= 1.8V
V
OUT
= 3.3V
V
OUT
= 1.2V
Input Voltage (V)
1E-3
0.01
0.1
1
10
100
65
70
75
80
85
90
V
IN
= V
OUT
+ 1V
V
OUT
= 3.3V
V
OUT
= 1.8V
V
OUT
= 1.2V
Loading Current (mA)
-40
-20
0
20
40
60
80
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
V
IN
= V
OUT
+ 1V
V
OUT
= 3.3V
V
OUT
= 1.8V
V
OUT
= 1.2V
Temperature (
oC)
-40
-20
0
20
40
60
80
60
65
70
75
80
85
90
V
IN
= V
OUT
+ 1V
V
OUT
= 1.8V
V
OUT
= 3.3V
V
OUT
= 1.2V
Temperature (
oC)
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
100
200
300
400
500
600
V
OUT
= 3.3V
T = 25
oC
T = 85
oC
T = -40
oC
Output Current (A)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
200
300
400
500
600
700
800
V
OUT
= 1.8V
T = 85
oC
T = 25
oC
T = -40
oC
Minimum Operation Voltage
Output Current (A)
Fig1. Quiescent Current vs. Input Voltage
Fig2. Ground Current vs. Loading Current
Fig3. Output Voltage Variation vs. Temperature
Fig4. Quiescent Current vs. Temperature
Fig5. Dropout Voltage vs. Output Current
Fig6. Dropout Voltage vs. Output Current


Similar Part No. - AIC1189

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - AIC1189

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com