Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1189 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1189
Description  Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1189 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1189 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1189 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AIC1189
Ultra LDO 2A Linear Regulator With
Adjustable & Bypass Pin
Analog Integrations Corporation
Si-Soft Research Center
DS-1189G-02 011909
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500,
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Guaranteed 2A Output Current.
Fast Response in Line/Load Transient.
Wide Operating Voltage Ranges: 2.3V to 5.5V.
0.01µA Shutdown Standby Current .
Low Quiescent Current: 80µA.
Fixed: 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.7V, 3.0V,
3.3V, 3.5V, 3.7V, 3.8V Output Voltage.
Adjustable Output Voltage are available from
0.8~4.5V.
Low Dropout
:330mV at 1.5A and 2.8V output
voltage, 440mV at 2A and 2.8V output voltage.
High PSRR
:70dB at 1kHz.
Active Low or High Shutdown Control.Current
Limit and Thermal Protection.
Available in
±2% Output Tolerance.
Available in SOT-223 & TO-220 (3 pin) & SOP-
8 (8 pin) and TO-252 &TO-263 (3 & 5 pin)
Package.
APPLICATIONS
LCD TV, LCD Monitor, DPF.
Networking, STB.
Portable AV Equipment.
Note Book PC Applications.
PC Peripherals.
DESCRIPTION
A low noise, high PSRR and ultra low dropout
linear regulator AIC1189 is optimized for low ESR
ceramic capacitors operation with 2A continuous
current. The AIC1189 is designed for portable and
wireless devices with demanding performance
and space requirements.
The AIC1189 offers high precision output voltage
of ±2% tolerance. Output voltage can also be
adjusted for those other than the preset values.
A noise bypass pin is available for further
reduction of output noise. The bypass pin could
be floating if it’s unnecessary. At 2A load current
and 2.8V output voltage, a 440mV dropout is
performed. The quality of low quiescent current
and low dropout voltage makes this device ideal
for battery power applications. The high ripple
rejection and low noise of the AIC1189 provide
enhanced performances for critical applications
such as cellular phones, and PDAs.
In addition, a logic-level shutdown input is
included, which reduce supply current to 0.01µA
(typ.) in shutdown mode with fast turn-on time
less than 100µs. The AIC1189’s current limit and
thermal protection provide protection against any
overload condition that would create excessive
junction temperatures.
TYPICAL APPLICATION CIRCUIT
4.7uF
Cin
4.7uF
Cout
Vin
Vout
3.3V
VIN
1
VOUT
3
GND
AIC1189-33
4.7uF
Cin
4.7uF
Cout
300k
R1
120k
R2
Vin
ENABLE
Vout
2.8V
VIN
2
EN
1
VOUT
4
ADJ
5
GND
AIC1189AL-33
Fixed Linear Regulator
Adjustable Linear Regulator


Similar Part No. - AIC1189

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - AIC1189

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com