Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1189-XXPY3 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1189-XXPY3
Description  Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1189-XXPY3 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1189-XXPY3 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1189-XXPY3 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AIC1189
5
ABSOLUTE MAXIMUM RATINGS
Input Voltage ....................................................................................................................................... 6V
EN Pin Voltage.................................................................................................................................... 6V
Noise Bypass Terminal Voltage.......................................................................................................... 6V
Operating Temperature Range ............................................................................................ -40ºC~85ºC
Maximum Junction Temperature .................................................................................................. 150ºC
Storage Temperature Range ............................................................................................. -65ºC~150ºC
Lead Temperature (Soldering, 10 sec) ......................................................................................... 260ºC
Thermal Resistance (Junction to Case)
SOT-223 ............................................................... 15ºC /W
TO-252.................................................................... 8ºC /W
TO-263.................................................................... 3ºC /W
TO-220.................................................................... 3ºC /W
SOP-8 (Exposed Pad) .......................................... 15ºC /W
Thermal Resistance (Junction to Ambient) SOT-223 ............................................................. 130ºC /W
(Assume no ambient airflow, no heat sink) TO-252................................................................ 100ºC /W
TO-263.................................................................. 60ºC /W
TO-220.................................................................. 50ºC /W
SOP-8 (Exposed Pad)
60ºC /W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.


Similar Part No. - AIC1189-XXPY3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - AIC1189-XXPY3

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com