Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1189-XXGY3 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1189-XXGY3
Description  Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1189-XXGY3 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1189-XXGY3 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1189-XXGY3 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AIC1189
6
ELECTRICAL CHARACTERISTICS
(CIN = Cout = 4.7µ
µ
µ
µF, CBP = 22nF, VIN = VOUT + 1V, TJ=25°°°°C, unless otherwise specified) (Note 1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input Voltage (Note 2)
VIN
2.3
5.5
V
Output Voltage Tolerance
IOUT =1mA
VOUT
-2
2
%
Continuous Output Current
IOUT
2
A
Quiescent Current
Chip Enable Low, VEN
≦0.4V,
IOUT = 0 mA
Chip Enable High, VEN
≧1.6V,
IOUT = 0 mA
IQ
80
110
µ
A
GND Pin Current
Chip Enable Low, VEN
≦0.4V,
IOUT = 2A
Chip Enable High, VEN
≧1.6V,
IOUT = 2A
IGND
90
120
µ
A
Standby Current
Chip Enable Low, VEN
= VIN
Chip Enable High, VEN
= 0
ISTBY
0.01
0.5
µ
A
Output Current Limit
RLOAD = 0.1
Ω
IIL
2.2
3.2
3.9
A
Dropout Voltage
IOUT = 1.5A, 0.8V
VOUT<2V
IOUT = 2A, 0.8V
VOUT<2V
VDROP
1500
1500
mV
IOUT = 1.5A, 2V
VOUT<2.8V
IOUT = 2A, 2V
VOUT<2.8V
450
600
600
800
IOUT = 1.5A, VOUT
2.8V
IOUT = 2A, VOUT
2.8V
330
440
530
700
Line Regulation
VIN = VOUT + 1V to 5.5V,
IOUT =1mA
VLIR
2.5
10
mV
Load Regulation
IOUT =1mA to 2A
VLOR
5
15
mV
Ripple Rejection
f=1KHz, Ripple=0.5Vp-p,
PSRR
70
dB
Output Noise Voltage
CBP = 22nF, f= 10~100KHz
24
µ
Vrms
Temperature Coefficient
TC
50
ppm/
Thermal Shutdown
Temperature
VIN = VOUT + 1V
TSD
150
Thermal Shutdown
Hysteresis
TSD
20
ADJ Pin Specifications
ADJ Pin Current
VADJ = VREF
IADJ
10
100
nA
ADJ Pin Threshold
VTH(ADJ)
0.05
0.1
0.2
V
Reference Voltage
Tolerance
VREF
0.784
0.8
0.816
V


Similar Part No. - AIC1189-XXGY3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - AIC1189-XXGY3

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com