Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1529-1GSTR Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1529-1GSTR
Description  Quad USB High-Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1529-1GSTR Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1529-1GSTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC1529-1GSTR Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AIC1529
11
DIP-16
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any circuitry other
than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties that may result from its
use. We reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or systems
are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose failure to perform,
when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant
injury to the user.
Note: 1. Refer to JEDEC MS-001BB
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side .
3. Dimension "D1"and "E1" do not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
2.54 BSC
e
L
eB
eA
2.92
7.62 BSC
3.81
10.92
D
18.66
E
E1
D1
7.62
6.10
0.13
c
b2
b
0.20
1.14
0.36
19.69
8.26
7.11
0.35
1.78
0.56
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.38
2.92
MAX.
4.95
5.33
DIP-16
E
eB
eA
A
2
A
1
A
D1
L
e
b2
A
A
D
E
1
0.
38
c
WITHPLATING
SECTIONA-A
BASEMETAL
b
GAUGEPLANE


Similar Part No. - AIC1529-1GSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1529-1GSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com