Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1529-1PSTB Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1529-1PSTB
Description  Quad USB High-Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1529-1PSTB Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1529-1PSTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 9Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 10Page - Analog Intergrations Corporation AIC1529-1PSTB Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AIC1529
10
PHYSICAL DIMENSIONS (unit: mm)
SOP-16
SEE VIEW B
A
L
VIEW B
0.
25
θ
SEATING PLANE
GAUGE PLANE
A
1
WITH PLATING
BASE METAL
B
SECTION A-A
C
D
e
A
A
E H
h
X
45
°
h
θ
L
D
e
H
E
C
B
A1
0.50
0.25
0.40
1.27
1.27 BSC
9.80
5.80
3.80
0.33
0.19
0.10
10.00
6.20
4.00
0.51
0.25
0.25
S
Y
M
B
O
L
A
SOP-16(150mil)
MILLIMETERS
1.35
MIN.
1.75
MAX.
Note: 1. Refer to JEDEC MS-012AC.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side on.
3. Dimension "E" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.


Similar Part No. - AIC1529-1PSTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1529-1PSTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com