Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3025EDC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3025EDC
Description  300mA Micropower VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025EDC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3025EDC Datasheet HTML 3Page - Linear Technology LTC3025EDC Datasheet HTML 4Page - Linear Technology LTC3025EDC Datasheet HTML 5Page - Linear Technology LTC3025EDC Datasheet HTML 6Page - Linear Technology LTC3025EDC Datasheet HTML 7Page - Linear Technology LTC3025EDC Datasheet HTML 8Page - Linear Technology LTC3025EDC Datasheet HTML 9Page - Linear Technology LTC3025EDC Datasheet HTML 10Page - Linear Technology LTC3025EDC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3025
7
3025fb
Operation (Refer to Block Diagram)
The LTC3025 is a micropower, VLDO (very low dropout)
linear regulator which operates from input voltages as
low as 0.9V. The device provides a high accuracy output
that is capable of supplying 300mA of output current with
a typical dropout voltage of only 45mV. A single ceramic
capacitor as small as 1μF is all that is required for output
bypassing. A low reference voltage allows the LTC3025
output to be programmed to much lower voltages than
available in common LDOs (range of 0.4V to 3. 6V).
As shown in the Block Diagram, the BIAS input supplies
the internal reference and LDO circuitry while all output
current comes directly from the IN input for high efficiency
regulation. The low quiescent supply currents IIN = 4μA,
IBIAS = 50μA drop to IIN = 1μA, IBIAS = 0.01μA typical in
shutdown making the LTC3025 an ideal choice for use in
battery-powered systems.
The device includes current limit and thermal overload
protection. The fast transient response of the follower
output stage overcomes the traditional tradeoff between
dropout voltage, quiescent current and load transient
response inherent in most LDO regulator architectures.
The LTC3025 also includes overshoot detection circuitry
which brings the output back into regulation when going
from heavy to light output loads (see Figure 1).
APPLICATIONS INFORMATION
Adjustable Output Voltage
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 2. The device servos the output
to maintain the ADJ pin voltage at 0.4V (referenced to
ground). Thus the current in R1 is equal to 0.4V/R1. For
good transient response, stability, and accuracy, the current
in R1 should be at least 8μA, thus the value of R1 should
be no greater than 50k. The current in R2 is the current in
R1 plus the ADJ pin bias current. Since the ADJ pin bias
current is typically <10nA, it can be ignored in the output
voltage calculation. The output voltage can be calculated
using the formula in Figure 2. Note that in shutdown the
output is turned off and the divider current will be zero
once COUT is discharged.
The LTC3025 operates at a relatively high gain of –0.7μV/
mA referred to the ADJ input. Thus a load current change
of 1mA to 300mA produces a –0.2mV drop at the ADJ
input. To calculate the change referred to the output sim-
ply multiply by the gain of the feedback network (i. e. ,1
+ R2/R1). For example, to program the output for 1.2V
choose R2/R1 = 2. In this example, an output current
change of 1mA to 300mA produces –0.2mV • (1 + 2) =
0.6mV drop at the output.
Because the ADJ pin is relatively high impedance (depend-
ing on the resistor divider used) , stray capacitance at this
pin should be minimized (<10pF) to prevent phase shift
in the error amplifier loop. Additionally, special attention
should be given to any stray capacitances that can couple
external signals onto the ADJ pin producing undesirable
output ripple. For optimum performance connect the ADJ
pin to R1 and R2 with a short PCB trace and minimize all
other stray capacitance to the ADJ pin.
300mA
0mA
IOUT
VOUT
AC
20mV/DIV
VIN = 1.5V
VOUT = 1.2V
VBIAS = 3.6V
COUT = 1μF
100μs/DIV
3025 F01
()
OUT
R1
R2
3025 F02
COUT
R2
R1
VOUT = 0.4V 1
ADJ
GND
Figure 1. LTC3025 Transient Response
Figure 2. Programming the LTC3025


Similar Part No. - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025EDC-1 LINER-LTC3025EDC-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-PBF LINER-LTC3025EDC-1-PBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TR LINER-LTC3025EDC-1-TR Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TRPBF LINER-LTC3025EDC-1-TRPBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-2 LINER-LTC3025EDC-2 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
More results

Similar Description - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com