Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3025EDC Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3025EDC
Description  300mA Micropower VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025EDC Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3025EDC Datasheet HTML 4Page - Linear Technology LTC3025EDC Datasheet HTML 5Page - Linear Technology LTC3025EDC Datasheet HTML 6Page - Linear Technology LTC3025EDC Datasheet HTML 7Page - Linear Technology LTC3025EDC Datasheet HTML 8Page - Linear Technology LTC3025EDC Datasheet HTML 9Page - Linear Technology LTC3025EDC Datasheet HTML 10Page - Linear Technology LTC3025EDC Datasheet HTML 11Page - Linear Technology LTC3025EDC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3025
8
3025fb
Output Capacitance and Transient Response
The LTC3025 is designed to be stable with a wide range of
ceramic output capacitors. The ESR of the output capaci-
tor affects stability, most notably with small capacitors. A
minimum output capacitor of 1μF with an ESR of 0.05Ω
or less is recommended to ensure stability. The LTC3025
is a micropower device and output transient response
will be a function of output capacitance. Larger values
of output capacitance decrease the peak deviations and
provide improved transient response for larger load current
changes. Note that bypass capacitors used to decouple
individual components powered by the LTC3025 will
increase the effective output capacitor value. High ESR
tantalum and electrolytic capacitors may be used, but
a low ESR ceramic capacitor must be in parallel at the
output. There is no minimum ESR or maximum capacitor
size requirements.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common di-
electrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit large voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 2V regulator, a 1μF Y5V capacitor can lose as
much as 75% of its intial capacitance over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are usually more suitable
for use as the output capacitor. The X7R type has better
stability across temperature, while the X5R is less expensive
and is available in higher values. In all cases, the output
capacitance should never drop below 0.4μF, or instability
or degraded performance may occur.
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be the output current
multiplied by the input/output voltage differential:
(IOUT) (VIN – VOUT)
Note that the BIAS current is less than 300μA even under
heavy loads, so its power consumption can be ignored
for thermal calculations.
The LTC3025 has internal thermal limiting designed to
protect the device during momentary overload conditions.
For continuous normal conditions, the maximum junction
temperature rating of 125°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat-spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through holes can also be used to spread the heat gener-
ated by power devices.
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3025 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
X5R
Y5V
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
TEMPERATURE (°C)
–50
–100
–80
–60
–40
–20
X5R
Y5V
20
–25
025
50
3025 F04
75
0
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
Figure 3. Ceramic Capacitor DC Bias Characteristics
Figure 4. Ceramic Capacitor Temperature Characteristics


Similar Part No. - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025EDC-1 LINER-LTC3025EDC-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-PBF LINER-LTC3025EDC-1-PBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TR LINER-LTC3025EDC-1-TR Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TRPBF LINER-LTC3025EDC-1-TRPBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-2 LINER-LTC3025EDC-2 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
More results

Similar Description - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com