Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3100EUD-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3100EUD-PBF
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100EUD-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3100EUD-PBF Datasheet HTML 1Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 2Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 3Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 4Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 5Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 6Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 7Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 8Page - Linear Technology LTC3100EUD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3100
5
3100fa
Efficiency vs Load Current
and VIN for VO = 1.8V
Efficiency vs Load Current
and VIN for VO = 3.3V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3100E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
68°C/W.
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise specified.
Step-Up DC/DC Converter
LOAD CURRENT (mA)
30
50
80
0.01
10
100
1000
0
10
0.1
1
100
70
90
40
60
20
100
0.01
1000
1
10
0.1
3100 G01
VIN = 1.2V
VIN = 1.5V
PL, VIN = 1.2V
PL, VIN = 1.5V
LOAD CURRENT (mA)
30
50
80
0.01
10
100
1000
0
10
0.1
1
100
70
90
40
60
20
100
0.01
1000
1
10
0.1
3100 G02
VIN = 1.2V
VIN = 2.4V
VIN = 3V
PL, VIN = 1.2V
PL, VIN = 2.4V
PL, VIN = 3V
ELECTRICAL CHARACTERISTICS
3.3V, 100mA Efficiency vs VIN
Efficiency vs Load Current
and VIN for VO = 5V
LOAD CURRENT (mA)
30
50
80
0.01
10
100
1000
0
10
0.1
1
100
70
90
40
60
20
100
0.01
1000
1
10
0.1
3100 G03
VIN = 1.8V
VIN = 2.4V
VIN = 3.6V
PL, VIN = 1.8V
PL, VIN = 2.4V
PL, VIN = 3.6V
VINBST (V)
40
90
100
2.2
2.6
3
20
70
30
80
10
0
60
50
1.8 2
2.4
3.4
4.2
2.8
3.2
3.8 4
3.6
3100 G04
VBST = 3.3V AT 100mA


Similar Part No. - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3100EUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com