Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3101EUF-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3101EUF-TRPBF
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101EUF-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3101EUF-TRPBF Datasheet HTML 4Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3101EUF-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3101
8
3101f
PBSTAT Deglitch Duration
PBSTAT Deglitch Duration
Buck-Boost Load Step,
0mA to 800mA
Buck-Boost Load Step,
0mA to 300mA
Buck Load Step, Burst Mode
Operation, 10mA to 350mA
Buck Load Step, PWM Mode,
35mA to 350mA
Buck-Boost Burst Mode Ripple
Buck Burst Mode Ripple
TEMPERATURE (°C)
–50
10
12
16
18
20
30
24
0
50
3101 G28
14
26
28
22
100
150
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
23
24
25
5
3101 G29
22
21
20
2
3
4
6
OUTPUT
VOLTAGE
200mV/DIV
INDUCTOR
CURRENT
500mA/DIV
50μs/DIV
3101 G30
VBAT = 3V
VOUT = 3.3V
L = 4.7μH
COUT = 10μF
OUTPUT
VOLTAGE
200mV/DIV
INDUCTOR
CURRENT
500mA/DIV
50μs/DIV
3101 G31
VBAT = 1.8V
VOUT = 3.3V
L = 4.7μH
COUT = 10μF
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
200mA/DIV
50μs/DIV
3101 G32
VBAT = 3V
VOUT = 1.2V
L = 4.7μH
COUT = 10μF
CFF = 18pF
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
200mA/DIV
50μs/DIV
3101 G33
VBAT = 3V
VOUT = 1.2V
L = 4.7μH
COUT = 10μF
CFF = 18pF
OUTPUT
VOLTAGE
20mV/DIV
INDUCTOR
CURRENT
200mA/DIV
20μs/DIV
3101 G34
VBAT = 3V
VOUT = 3.3V
L = 4.7μH
COUT = 10μF
ILOAD = 10mA
OUTPUT
VOLTAGE
10mV/DIV
INDUCTOR
CURRENT
50mA/DIV
20μs/DIV
3101 G35
VBAT = 3V
VOUT = 1.2V
L = 4.7μH
COUT = 10μF
CFF = 18pF
ILOAD = 5mA
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise specified)


Similar Part No. - LTC3101EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101EUF-TRPBF LINER-LTC3101EUF-TRPBF Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
More results

Similar Description - LTC3101EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101_15 Datasheet
541Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_10 Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Power Integrations, Inc...
DI-69 POWERINT-DI-69 Datasheet
264Kb / 2P
   15 W Multi-Output DC-DC Converter
logo
Murata Manufacturing Co...
MYMGC3R32EFPF2RB MURATA1-MYMGC3R32EFPF2RB Datasheet
1Mb / 18P
   MonoBKTM , Multi output DC-DC Converter Series
2018
logo
Texas Instruments
LM5127-Q1 TI-LM5127-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   LM5127-Q1 2.2MHz Wide VIN Automotive Front-stage Multi-rail DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com