Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3025EDC-4 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3025EDC-4
Description  500mA Micropower VLDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025EDC-4 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3025EDC-4 Datasheet HTML 4Page - Linear Technology LTC3025EDC-4 Datasheet HTML 5Page - Linear Technology LTC3025EDC-4 Datasheet HTML 6Page - Linear Technology LTC3025EDC-4 Datasheet HTML 7Page - Linear Technology LTC3025EDC-4 Datasheet HTML 8Page - Linear Technology LTC3025EDC-4 Datasheet HTML 9Page - Linear Technology LTC3025EDC-4 Datasheet HTML 10Page - Linear Technology LTC3025EDC-4 Datasheet HTML 11Page - Linear Technology LTC3025EDC-4 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3025-1/LTC3025-2/
LTC3025-3/LTC3025-4
9
30251234fc
APPLICATIONS INFORMATION
much as 75% of its intial capacitance over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are usually more suitable
for use as the output capacitor. The X7R type has better
stability across temperature, while the X5R is less expensive
and is available in higher values. In all cases, the output
capacitance should never drop below 0.4μF, or instability
or degraded performance may occur.
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be the output current
multiplied by the input/output voltage differential:
(IOUT) (VIN – VOUT)
Note that the BIAS current is less than 500μA even under
heavy loads, so its power consumption can be ignored
for thermal calculations.
The LTC3025-X has internal thermal limiting designed to
protect the device during momentary overload conditions.
For continuous normal conditions, the maximum junction
temperature rating of 125°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat-spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through holes can also be used to spread the heat gener-
ated by power devices.
The LTC3025-X 2mm × 2mm DFN package is specified
as having a junction-to-ambient thermal resistance of
102°C/W, which assumes a minimal heat spreading cop-
per plane. The actual thermal resistance can be reduced
substantially by connecting the package directly to a good
heat spreading ground plane. When soldered to 2500mm2
double-sided 1 oz. copper plane, the actual junction-to-
ambient thermal resistance can be less than 60°C/W.
Calculating Junction Temperature
Example: Given an output voltage of 1.2V, an input voltage
of 1.8V to 3V, an output current range of 0mA to 100mA
and a maximum ambient temperature of 50°C, what will
the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX) (VIN(MAX) – VOUT)
where:
IOUT(MAX) = 100mA
VIN(MAX) = 3V
So:
P = 100mA(3V – 1.2V) = 0.18W
Even under worst-case conditions, the LTC3025-X’s BIAS
pin power dissipation is only about 1mW, thus can be ig-
nored. Assuming a junction-to-ambient thermal resistance
of 102°C/W, the junction temperature rise above ambient
will be approximately equal to:
0.18W(102°C/W) = 18.4°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJ = 50°C + 18.4°C = 68.4°C
Short-Circuit/Thermal Protection
The LTC3025-X has built-in short-circuit current limiting
as well as overtemperature protection. During short-circuit
conditions, internal circuitry automatically limits the output
current to approximately 1130mA. At higher temperatures,
or in cases where internal power dissipation causes exces-
sive self heating on chip, the thermal shutdown circuitry
will shut down the LDO when the junction temperature
exceeds approximately 150°C. It will re enable the LDO
once the junction temperature drops back to approximately
140°C. The LTC3025-X will cycle in and out of thermal


Similar Part No. - LTC3025EDC-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025EDC-PBF LINER-LTC3025EDC-PBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025EDC-TR LINER-LTC3025EDC-TR Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025EDC-TRPBF LINER-LTC3025EDC-TRPBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
More results

Similar Description - LTC3025EDC-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_1 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com