Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3209EUF-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3209EUF-1
Description  600mA Main/Camera LED Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3209EUF-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3209EUF-1 Datasheet HTML 7Page - Linear Technology LTC3209EUF-1 Datasheet HTML 8Page - Linear Technology LTC3209EUF-1 Datasheet HTML 9Page - Linear Technology LTC3209EUF-1 Datasheet HTML 10Page - Linear Technology LTC3209EUF-1 Datasheet HTML 11Page - Linear Technology LTC3209EUF-1 Datasheet HTML 12Page - Linear Technology LTC3209EUF-1 Datasheet HTML 13Page - Linear Technology LTC3209EUF-1 Datasheet HTML 14Page - Linear Technology LTC3209EUF-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3209-1/LTC3209-2
11
320912fa
Serial Port
The microcontroller compatible I2C serial port provides all
of the command and control inputs for the LTC3209-1/
LTC3209-2. Data on the SDA input is loaded on the rising
edge of SCL. D7 is loaded first and D0 last. There are three
data registers and one address register. Once all address
bits have been clocked into the address register acknowl-
edge occurs. After the data registers have been written a
load pulse is created after the stop bit. The load pulse
transfers all of the data held in the data registers to the DAC
registers. At this point the LED current will be changed to
the new settings. The serial port uses static logic registers
so there is no minimum speed at which it can be operated.
MAIN Current Sources
LTC3209-1
There are six MAIN current sources. These current sources
have an 8-bit linear DAC for current control. For RREF =
24.3k, the output current range is 0mA to 28mA in 256
steps.
The current sources are disabled when a block receives an
all zero data word. The supply current for that block is
reduced to zero. In addition unused LED outputs can be
connected to CPO to turn off the current source output and
reduce the operating current to typically 10
µA.
LTC3209-2
There are five MAIN current sources. These current sources
have an 8-bit linear DAC for current control. For RREF =
24.3k, the output current range is 0mA to 28mA in 256
steps.
The current sources are disabled when a block receives an
all zero data word. The supply current for that block is
reduced to zero. In addition unused LED outputs can be
connected to CPO to turn off the current source output and
reduce the operating current to typically 10
µA.
OPERATIO
Camera Current Sources
LTC3209-1
There is one CAM current source. This current source has
a 4-bit linear DAC for current control. The output current
range is 0mA to 400mA in 16 steps (RREF = 24.3k).
The current source is disabled when the block receives an
all zero data word. The supply current for the block is
reduced to zero. In addition, the LED output can be
connected to CPO to turn off the current source output and
reduce operating current to typically 10
µA.Thispincannot
be allowed to float if unused since dropout will be errone-
ously detected.
LTC3209-2
There are two CAM current sources. These current sources
have a 4-bit linear DAC for current control. The output
current range of each current source is 0mA to 200mA in
16 steps (RREF = 24.3k).
The current sources are disabled when the block receives
an all zero data word. The supply current for the block is
reduced to zero. In addition unused LED outputs can be
connected to CPO to turn off the current source output and
reduce the operating current to typically 10
µA. These pins
cannot be allowed to float if unused since dropout will be
erroneously detected.
Auxiliary Current Source
There is one AUX current source. This current source has
a 2-bit Linear DAC for current control. The output current
range is 0mA to 13.75mA in 4 steps (OFF, 33%, 67%,
100%). The AUX output does not have dropout detection
and cannot be disabled when connected to CPO.
The current source is disabled when the block receives an
all zero data word and the supply current for the block is
reduced to zero. This output can also be used as an I2C
controlled digital open-drain general purpose output.


Similar Part No. - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
More results

Similar Description - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3217 LINER-LTC3217_15 Datasheet
180Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pumps
LTC3217 LINER-LTC3217 Datasheet
184Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pump
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com