Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3209EUF-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3209EUF-1
Description  600mA Main/Camera LED Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3209EUF-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3209EUF-1 Datasheet HTML 1Page - Linear Technology LTC3209EUF-1 Datasheet HTML 2Page - Linear Technology LTC3209EUF-1 Datasheet HTML 3Page - Linear Technology LTC3209EUF-1 Datasheet HTML 4Page - Linear Technology LTC3209EUF-1 Datasheet HTML 5Page - Linear Technology LTC3209EUF-1 Datasheet HTML 6Page - Linear Technology LTC3209EUF-1 Datasheet HTML 7Page - Linear Technology LTC3209EUF-1 Datasheet HTML 8Page - Linear Technology LTC3209EUF-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3209-1/LTC3209-2
5
320912fa
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(2VBAT–VCPO)/ICPO
TEMPERATURE (
°C)
–40
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–15
10
35
60
3209 G08
85
VBAT = 3V
VCPO = 4.8V
C2 = C3 = C4 = 2.2
µF
LOAD CURRENT (mA)
0
4.8
5.0
5.2
400
3209 G09
4.6
4.4
4.7
4.9
5.1
4.5
4.3
4.2
100
200
300
500
VBAT = 3V
3.2V
3.1V
3.3V
3.5V
3.4V
C2 = C3 = C4 = 2.2
µF
2x Mode CPO Voltage
vs Load Current
DVCC Shutdown Current
vs DVCC Voltage
DVCC VOLTAGE (V)
2.7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3.6
4.2
3209 G11
3
3.3
3.9
4.5
TA = –40°C
VBAT = 3.6V
TA = 25°C
TA = 85°C
VBAT Shutdown Current
vs VBAT Voltage
VBAT VOLTAGE (V)
2.7
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
3.6
4.2
3209 G12
3
3.3
3.9
4.5
TA = –40°C
TA = 25°C
TA = 85°C
DVCC = 3V
1x Mode No Load VBAT Current
vs VBAT Voltage
1.5x Mode Supply Current
vs ICPO (IVBAT–1.5ICPO)
VBAT VOLTAGE (V)
2.7
200
240
280
320
3.0
3.3
3.6
3.9
3209 G13
4.2
360
400
220
260
300
340
380
4.5
LOAD CURRENT (mA)
0
10
20
30
100
200
300
400
3209 G14
500
0
VBAT = 3.6V
2x Mode Supply Current
vs ICPO (IVBAT–2ICPO)
LOAD CURRENT (mA)
0
15
20
25
400
3209 G15
10
5
0
100
200
300
500
VBAT = 3.6V
LTC3209-1 CAM Pin Current
vs CAM Pin Voltage
CAM PIN VOLTAGE (V)
0
200
300
0.8
3209 G22
100
0
0.2
0.4
0.6
1.0
400
VBAT = 3.6V
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted
LTC3209-1 CAM Pin Current
vs Input Code
HEX CODE
01234
6789
B C D E
240
320
400
5
3209 G23
160
80
200
280
360
120
40
0
A
F
VBAT = 3.6V


Similar Part No. - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
More results

Similar Description - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3217 LINER-LTC3217_15 Datasheet
180Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pumps
LTC3217 LINER-LTC3217 Datasheet
184Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pump
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com