Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3210-3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3210-3
Description  MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3210-3 Datasheet HTML 6Page - Linear Technology LTC3210-3 Datasheet HTML 7Page - Linear Technology LTC3210-3 Datasheet HTML 8Page - Linear Technology LTC3210-3 Datasheet HTML 9Page - Linear Technology LTC3210-3 Datasheet HTML 10Page - Linear Technology LTC3210-3 Datasheet HTML 11Page - Linear Technology LTC3210-3 Datasheet HTML 12Page - Linear Technology LTC3210-3 Datasheet HTML 13Page - Linear Technology LTC3210-3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3210-2/LTC3210-3
10
321023fa
OPERATION
Figure 2. Charge Pump Thevenin Equivalent Open-Loop Circuit
+
ROL
CPO
1.5VBAT OR 2VBAT
+
321023 F02
Soft-Start
Initially, when the part is in shutdown, a weak switch con-
nects VBAT to CPO. This allows VBAT to slowly charge the
CPO output capacitor to prevent large charging currents.
The LTC3210-2/LTC3210-3 also employ a soft-start feature
on its charge pump to prevent excessive inrush current
and supply droop when switching into the step-up modes.
The current available to the CPO pin is increased linearly
over a typical period of 150μs. Soft-start occurs at the
start of both 1.5x and 2x mode changes.
Charge Pump Strength and Regulation
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based
on the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump modes
as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
Charge Pump Mode
Regulated VCPO
1.5x
4.55V
2x
5.05V
When the LTC3210-2/LTC3210-3 operate in either 1.5x
mode or 2x mode, the charge pump can be modeled as
a Thevenin-equivalent circuit to determine the amount of
current available from the effective input voltage and ef-
fective open-loop output resistance, ROL (Figure 2).
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the nonoverlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VBAT – CPO for 1.5x mode and 2VBAT – CPO for 2x
mode. Consider the example of driving white LEDs from
a 3.1V supply. If the LED forward voltage is 3.8V and the
current sources require 100mV, the advantage voltage for
1.5x mode is 3.1V • 1.5 – 3.8V – 0.1V or 750mV. Notice
that if the input voltage is raised to 3.2V, the advantage
voltage jumps to 900mV—a 20% improvement in avail-
able strength.


Similar Part No. - LTC3210-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
More results

Similar Description - LTC3210-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210-2 LINER-LTC3210-2_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com