Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3210EPD-1-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3210EPD-1-PBF
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210EPD-1-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3210EPD-1-PBF Datasheet HTML 1Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 2Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 3Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 4Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 5Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 6Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 7Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 8Page - Linear Technology LTC3210EPD-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3210-1
1
32101fc
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by US Patents including 6411531.
Multi-LED Light Supply for Cellphones/DSCs/PDAs
MAIN/CAM LED Controller
with 64-Step Brightness Control
in 3mm
× 3mm QFN
The LTC®3210-1 is a low noise charge pump DC/DC con-
verter designed to drive four MAIN LEDs and one high
current CAM LED for camera lighting. The LTC3210-1
requires only four small ceramic capacitors and two cur-
rent set resistors to form a complete LED power supply
and current controller.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up and mode changes. High switching
frequency enables the use of small external capacitors.
Independent MAIN and CAM full-scale current settings
are programmed by two external resistors.
Shutdown mode and current output levels are selected
via two logic inputs. ENM and ENC are toggled to adjust
the LED currents via internal counters and DACs. A 6-bit
linear DAC (64 steps) provides high resolution brightness
control for the MAIN display.
The charge pump optimizes efficiency based on the volt-
age across the LED current sources. The part powers up
in 1x mode and will automatically switch to boost mode
whenever any enabled LED current source begins to enter
dropout. The LTC3210-1 is available in a 3mm
× 3mm
16-lead QFN package. Standard (0.75mm) and ultra-thin
(0.55mm) package profiles are available.
C1P
C1M
C2P
RM
RC
GND
C2M
CPO
MLED1
MLED2
MLED3
MLED4
CLED
ENM
ENC
VBAT
LTC3210-1
VBAT
C1
2.2μF
C2
2.2μF
C3
2.2μF
30.1k
1%
24.3k
1%
ENM
ENC
C4
2.2μF
32101 TA01
MAIN
CAM
Low Noise Charge Pump Provides High Efficiency
with Automatic Mode Switching
Multimode Operation: 1x, 1.5x, 2x
Individual Full-Scale Current Set Resistors
Up to 500mA Total Output Current
Single Wire EN/Brightness Control for MAIN and
CAM LEDs
64:1 Linear Brightness Control Range for
MAIN Display
Four 25mA Low Dropout MAIN LED Outputs
One 400mA Low Dropout CAM LED Output
Low Noise Constant Frequency Operation
Low Shutdown Current: 3μA
Internal Soft-Start Limits Inrush Current During
Startup and Mode Switching
Open/Short LED Protection
No Inductors
3mm
× 3mm 16-Lead Plastic QFN Packages with
0.55mm and 0.75mm Profiles
VBAT (V)
3.0
60
80
100
32101 TA01b
40
20
50
70
90
30
10
0
3.6
3.8
3.2
4.0
3.4
4.4
4.2
4 LEDs AT 9mA/LED
(TYP VF AT 9mA = 3V, NICHIA NSCW100)
TA = 25°C
4-LED MAIN Display
Efficiency vs VBAT Voltage
TYPICAL APPLICATION
DESCRIPTION
FEATURES
APPLICATIONS


Similar Part No. - LTC3210EPD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210EUD LINER-LTC3210EUD Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD LINEAR-LTC3210EUD Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210EUD LINEAR-LTC3210EUD Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210EUD-2-PBF LINER-LTC3210EUD-2-PBF Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
More results

Similar Description - LTC3210EPD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com